Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F6X2X Datasheet(PDF) 125 Page - Microchip Technology

Part # PIC18F6X2X
Description  64/80-Pin High Performance, 64-Kbyte Enhanced FLASH Microcontrollers with A/D
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6X2X Datasheet(HTML) 125 Page - Microchip Technology

Back Button PIC18F6X2X Datasheet HTML 121Page - Microchip Technology PIC18F6X2X Datasheet HTML 122Page - Microchip Technology PIC18F6X2X Datasheet HTML 123Page - Microchip Technology PIC18F6X2X Datasheet HTML 124Page - Microchip Technology PIC18F6X2X Datasheet HTML 125Page - Microchip Technology PIC18F6X2X Datasheet HTML 126Page - Microchip Technology PIC18F6X2X Datasheet HTML 127Page - Microchip Technology PIC18F6X2X Datasheet HTML 128Page - Microchip Technology PIC18F6X2X Datasheet HTML 129Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 386 page
background image
 2003 Microchip Technology Inc.
Advance Information
DS39612A-page 123
PIC18F6X2X/8X2X
FIGURE 10-17:
MCLR/VPP/RG5 PIN BLOCK DIAGRAM
TABLE 10-13: PORTG FUNCTIONS
TABLE 10-14: SUMMARY OF REGISTERS ASSOCIATED WITH PORTG
MCLR/VPP/RG5
Data Bus
RD PORTA
RD LATA
Schmitt
Trigger
MCLRE
RD TRISA
QD
EN
Latch
Filter
Low Level
MCLR Detect
High Voltage Detect
Internal MCLR
HV
Name
Bit#
Buffer Type
Function
RG0/CCP3/P3A
bit 0
ST
Input/output port pin, Capture3 input/Compare3 output/PWM3 output,
or Enhanced PWM3 output P3A.
RG1/TX2/CK2
bit 1
ST
Input/output port pin, Addressable USART2 Asynchronous Transmit, or
Addressable USART2 Synchronous Clock.
RG2/RX2/DT2
bit 2
ST
Input/output port pin, Addressable USART2 Asynchronous Receive, or
Addressable USART2 Synchronous Data.
RG3/CCP4/P3D
bit 3
ST
Input/output port pin, Capture4 input/Compare4 output/PWM4 output,
or Enhanced PWM3 output P3D.
RG4/CCP5/P1D
bit 4
ST
Input/output port pin, Capture5 input/Compare5 output/PWM5 output,
or Enhanced PWM1 output P1D.
MCLR/VPP/RG5
bit 5
ST
Master Clear input or programming voltage input (if MCLR is enabled).
Input only port pin or programming voltage input (if MCLR is
disabled).
Legend:
ST = Schmitt Trigger input
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
RESETS
PORTG
—
—RG5(1) Read PORTG pin/Write PORTG Data Latch
--0x xxxx
--0u uuuu
LATG
—
—
—
LATG Data Output Register
---x xxxx
---u uuuu
TRISG
—
—
—
Data Direction Control Register for PORTG
---1 1111
---1 1111
Legend:
x
= unknown, u = unchanged
Note 1:
RG5 is available as an input only when MCLR is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com