Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F6X2X Datasheet(PDF) 121 Page - Microchip Technology

Part # PIC18F6X2X
Description  64/80-Pin High Performance, 64-Kbyte Enhanced FLASH Microcontrollers with A/D
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6X2X Datasheet(HTML) 121 Page - Microchip Technology

Back Button PIC18F6X2X Datasheet HTML 117Page - Microchip Technology PIC18F6X2X Datasheet HTML 118Page - Microchip Technology PIC18F6X2X Datasheet HTML 119Page - Microchip Technology PIC18F6X2X Datasheet HTML 120Page - Microchip Technology PIC18F6X2X Datasheet HTML 121Page - Microchip Technology PIC18F6X2X Datasheet HTML 122Page - Microchip Technology PIC18F6X2X Datasheet HTML 123Page - Microchip Technology PIC18F6X2X Datasheet HTML 124Page - Microchip Technology PIC18F6X2X Datasheet HTML 125Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 386 page
background image
 2003 Microchip Technology Inc.
Advance Information
DS39612A-page 119
PIC18F6X2X/8X2X
10.6
PORTF, LATF, and TRISF
Registers
PORTF is an 8-bit wide, bi-directional port. The corre-
sponding Data Direction register is TRISF. Setting a
TRISF bit (= 1) will make the corresponding PORTF pin
an input (i.e., put the corresponding output driver in a
high-impedance mode). Clearing a TRISF bit (= 0) will
make the corresponding PORTF pin an output (i.e., put
the contents of the output latch on the selected pin).
Read-modify-write operations on the LATF register,
read and write the latched output value for PORTF.
PORTF is multiplexed with several analog peripheral
functions, including the A/D converter inputs and
comparator inputs, outputs, and voltage reference.
EXAMPLE 10-6:
INITIALIZING PORTF
FIGURE 10-13:
PORTF RF1/AN6/C2OUT, RF2/AN7/C1OUT PINS BLOCK DIAGRAM
Note 1: On a Power-on Reset, the RF6:RF0 pins
are configured as inputs and read as ‘0’.
2: To configure PORTF as digital I/O, turn off
comparators and set ADCON1 value.
CLRF
PORTF
; Initialize PORTF by
; clearing output
; data latches
CLRF
LATF
; Alternate method
; to clear output
; data latches
MOVLW
0x07
;
MOVWF
CMCON
; Turn off comparators
MOVLW
0x0F
;
MOVWF
ADCON1
; Set PORTF as digital I/O
MOVLW
0xCF
; Value used to
; initialize data
; direction
MOVWF
TRISF
; Set RF3:RF0 as inputs
; RF5:RF4 as outputs
; RF7:RF6 as inputs
PORT/Comparator Select
Data Bus
WR LATF
WR TRISF
Data Latch
TRIS Latch
RD TRISF
Q
D
Q
CK
QD
EN
Comparator Data Out
0
1
Q
D
Q
CK
P
N
VDD
VSS
RD PORTF
I/O pin
or
WR PORTF
RD LATF
Schmitt
Trigger
Note
1:
I/O pins have diode protection to VDD and VSS.
Analog
Input
Mode
To A/D Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com