Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F6X2X Datasheet(PDF) 118 Page - Microchip Technology

Part # PIC18F6X2X
Description  64/80-Pin High Performance, 64-Kbyte Enhanced FLASH Microcontrollers with A/D
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6X2X Datasheet(HTML) 118 Page - Microchip Technology

Back Button PIC18F6X2X Datasheet HTML 114Page - Microchip Technology PIC18F6X2X Datasheet HTML 115Page - Microchip Technology PIC18F6X2X Datasheet HTML 116Page - Microchip Technology PIC18F6X2X Datasheet HTML 117Page - Microchip Technology PIC18F6X2X Datasheet HTML 118Page - Microchip Technology PIC18F6X2X Datasheet HTML 119Page - Microchip Technology PIC18F6X2X Datasheet HTML 120Page - Microchip Technology PIC18F6X2X Datasheet HTML 121Page - Microchip Technology PIC18F6X2X Datasheet HTML 122Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 386 page
background image
PIC18F6X2X/8X2X
DS39612A-page 116
Advance Information
 2003 Microchip Technology Inc.
10.5
PORTE, TRISE and LATE
Registers
PORTE is an 8-bit wide, bi-directional port. The corre-
sponding Data Direction register is TRISE. Setting a
TRISE bit (= 1) will make the corresponding PORTE
pin an input (i.e., put the corresponding output driver in
a high-impedance mode). Clearing a TRISE bit (= 0)
will make the corresponding PORTE pin an output (i.e.,
put the contents of the output latch on the selected pin).
Read-modify-write operations on the LATE register,
read and write the latched output value for PORTE.
PORTE is an 8-bit port with Schmitt Trigger input buff-
ers. Each pin is individually configurable as an input or
output. PORTE is multiplexed with the CCP module
(Table 10-9).
On PIC18F8X2X devices, PORTE is also multiplexed
with the system bus as the external memory interface;
the I/O bus is available only when the system bus is
disabled by setting the EBDIS bit in the MEMCON
register (MEMCON<7>). If the device is configured in
Microprocessor or Extended Microcontroller mode,
then the PORTE<7:0> becomes the high byte of the
address/data bus for the external program memory
interface. In Microcontroller mode, the PORTE<2:0>
pins become the control inputs for the parallel slave
port when bit PSPMODE (PSPCON<4>) is set. (Refer
to Section 4.1.1 for more information on Program
Memory modes.)
When the parallel slave port is active, three PORTE
pins (RE0/AD8/RD, RE1/AD9/WR, and RE2/AD10/CS)
function as its control inputs. This automatically occurs
when the PSPMODE bit (PSPCON<4>) is set. Users
must also make certain that bits TRISE<2:0> are set to
configure the pins as digital inputs, and the ADCON1
register is configured for digital I/O. The PORTE PSP
control functions are summarized in Table 10-9.
Pin RE7 can be configured as the alternate peripheral
pin for the CCP2 module when the device is operating
in Microcontroller mode. This is done by clearing the
configuration
bit
CCP2MX
in
the
CONFIG3H
Configuration register (CONFIG3H<0>).
EXAMPLE 10-5:
INITIALIZING PORTE
Note:
For PIC18F8X2X (80-pin) devices operat-
ing in Extended Microcontroller mode,
PORTE defaults to the system bus on
Power-on Reset.
CLRF
PORTE
; Initialize PORTE by
; clearing output
; data latches
CLRF
LATE
; Alternate method
; to clear output
; data latches
MOVLW
0x03
; Value used to
; initialize data
; direction
MOVWF
TRISE
; Set RE1:RE0 as inputs
; RE7:RE2 as outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com