Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F6X2X Datasheet(PDF) 117 Page - Microchip Technology

Part # PIC18F6X2X
Description  64/80-Pin High Performance, 64-Kbyte Enhanced FLASH Microcontrollers with A/D
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6X2X Datasheet(HTML) 117 Page - Microchip Technology

Back Button PIC18F6X2X Datasheet HTML 113Page - Microchip Technology PIC18F6X2X Datasheet HTML 114Page - Microchip Technology PIC18F6X2X Datasheet HTML 115Page - Microchip Technology PIC18F6X2X Datasheet HTML 116Page - Microchip Technology PIC18F6X2X Datasheet HTML 117Page - Microchip Technology PIC18F6X2X Datasheet HTML 118Page - Microchip Technology PIC18F6X2X Datasheet HTML 119Page - Microchip Technology PIC18F6X2X Datasheet HTML 120Page - Microchip Technology PIC18F6X2X Datasheet HTML 121Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 386 page
background image
 2003 Microchip Technology Inc.
Advance Information
DS39612A-page 115
PIC18F6X2X/8X2X
TABLE 10-7:
PORTD FUNCTIONS
TABLE 10-8:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTD
Name
Bit#
Buffer Type
Function
RD0/AD0/PSP0
bit 0
ST/TTL(1)
Input/output port pin, address/data bus bit 0 or parallel slave port bit 0.
RD1/AD1/PSP1
bit 1
ST/TTL(1)
Input/output port pin, address/data bus bit 1 or parallel slave port bit 1.
RD2/AD2/PSP2
bit 2
ST/TTL(1)
Input/output port pin, address/data bus bit 2 or parallel slave port bit 2.
RD3/AD3/PSP3
bit 3
ST/TTL(1)
Input/output port pin, address/data bus bit 3 or parallel slave port bit 3.
RD4/AD4/PSP4
bit 4
ST/TTL(1)
Input/output port pin, address/data bus bit 4 or parallel slave port bit 4.
RD5/AD5/PSP5
bit 5
ST/TTL(1)
Input/output port pin, address/data bus bit 5 or parallel slave port bit 5.
RD6/AD6/PSP6
bit 6
ST/TTL(1)
Input/output port pin, address/data bus bit 6 or parallel slave port bit 6.
RD7/AD7/PSP7
bit 7
ST/TTL(1)
Input/output port pin, address/data bus bit 7 or parallel slave port bit 7.
Legend:
ST = Schmitt Trigger input, TTL = TTL input
Note 1:
Input buffers are Schmitt Triggers when in I/O mode and TTL buffers when in System Bus or Parallel
Slave Port mode.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
RESETS
PORTD
RD7
RD6
RD5
RD4
RD3
RD2
RD1
RD0
xxxx xxxx
uuuu uuuu
LATD
LATD Data Output Register
xxxx xxxx
uuuu uuuu
TRISD
PORTD Data Direction Register
1111 1111
1111 1111
PSPCON
IBF
OBF
IBOV
PSPMODE
—
—
—
—
0000 ----
0000 ----
MEMCON
EBDIS
—
WAIT1
WAIT0
—
—
WM1
WM0
0-00 --00
0-00 --00
Legend:
x
= unknown, u = unchanged, - = unimplemented, read as ‘0’. Shaded cells are not used by PORTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com