Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XCVU29P Datasheet(PDF) 2 Page - Advanced Micro Devices

Part # XCVU29P
Description  Virtex UltraScale FPGA Data Sheet: DC and AC Switching Characteristics
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

XCVU29P Datasheet(HTML) 2 Page - Advanced Micro Devices

  XCVU29P Datasheet HTML 1Page - Advanced Micro Devices XCVU29P Datasheet HTML 2Page - Advanced Micro Devices XCVU29P Datasheet HTML 3Page - Advanced Micro Devices XCVU29P Datasheet HTML 4Page - Advanced Micro Devices XCVU29P Datasheet HTML 5Page - Advanced Micro Devices XCVU29P Datasheet HTML 6Page - Advanced Micro Devices XCVU29P Datasheet HTML 7Page - Advanced Micro Devices XCVU29P Datasheet HTML 8Page - Advanced Micro Devices XCVU29P Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 68 page
background image
Table 1: Absolute Maximum Ratings (cont'd)
Symbol
Description1
Min
Max
Units
VCCBRAM
Supply voltage for the block RAM memories
–0.500
1.000
V
VCCO
Output drivers supply voltage for HP I/O banks
–0.500
2.000
V
VCCAUX_IO3
Auxiliary supply voltage for the I/O banks
–0.500
2.000
V
VREF
Input reference voltage
–0.500
2.000
V
VIN4, 5, 6
I/O input voltage for HP I/O banks
–0.550
VCCO + 0.550
V
VBATT
Key memory battery backup supply
–0.500
2.000
V
IDC
Available output current at the pad
–20
20
mA
IRMS
Available RMS output current at the pad
–20
20
mA
High Bandwidth Memory (HBM)
VCC_HBM
Supply voltage for the high-bandwidth memory
–0.300
1.500
V
VCC_IO_HBM
I/O supply voltage for the high-bandwidth memory
–0.300
1.500
V
VCCAUX_HBM
Auxiliary supply voltage for the high-bandwidth memory
–0.300
3.000
V
GTY or GTM Transceiver7
VCCINT_GT
Digital supply voltage for select modules in the GTM transceivers
–0.500
1.000
V
VMGTAVCC
Analog supply voltage for transceiver circuits
–0.500
1.000
V
VMGTAVTT
Analog supply voltage for transceiver termination circuits
–0.500
1.300
V
VMGTVCCAUX
Auxiliary analog Quad PLL (QPLL) voltage supply for transceivers
–0.500
1.900
V
VMGTREFCLK
Transceiver reference clock absolute input voltage
–0.500
1.300
V
VMGTAVTTRCAL
Analog supply voltage for the resistor calibration circuit of the
transceiver column
–0.500
1.300
V
VIN
Receiver (RXP/RXN) and transmitter (TXP/TXN) absolute input
voltage
–0.500
1.200
V
IDCIN-FLOAT
DC input current for receiver input pins DC coupled RX
termination = floating8
–
10
mA
IDCIN-MGTAVTT
DC input current for receiver input pins DC coupled RX
termination = VMGTAVTT
–
10
mA
IDCIN-GND
DC input current for receiver input pins DC coupled RX
termination = GND9
–
0
mA
IDCIN-PROG
DC input current for receiver input pins DC coupled RX
termination = programmable10
–
0
mA
IDCOUT-FLOAT
DC output current for transmitter pins DC coupled RX
termination = floating
–
6
mA
IDCOUT-MGTAVTT
DC output current for transmitter pins DC coupled RX
termination = VMGTAVTT
–
6
mA
System Monitor
VCCADC
System Monitor supply relative to GNDADC
–0.500
2.000
V
VREFP
System Monitor reference input relative to GNDADC
–0.500
2.000
V
Temperature11
TSTG
Storage temperature for XCVU31P, XCVU33P, XCVU35P, XCVU37P12
–55
120
°C
Storage temperature (ambient) for all other devices
–65
150
°C
TSOL
Maximum dry rework soldering temperature
–
260
°C
Maximum reflow soldering temperature for FFVC1517, FLGF1924,
FHGA2104, FHGB2104, FHGC2104, FLGA2104, FLGB2104, FLGC2104,
FLVA2104, FLVB2104, FLVC2104, FLGA2577
–
245
°C
Maximum reflow soldering temperature for lidless packages with
stiffener ring (FIGD2104, FSGD2104, FSVH1924, FSVH2104,
FSGA2577, FSVH2892)
–
240
°C
Virtex UltraScale+ FPGA Data Sheet: DC and AC Switching Characteristics
DS923 (v1.10) April 26, 2019
www.xilinx.com
Product Specification
2
Send Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com