Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XCVU29P Datasheet(PDF) 24 Page - Advanced Micro Devices

Part # XCVU29P
Description  Virtex UltraScale FPGA Data Sheet: DC and AC Switching Characteristics
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

XCVU29P Datasheet(HTML) 24 Page - Advanced Micro Devices

Back Button XCVU29P Datasheet HTML 20Page - Advanced Micro Devices XCVU29P Datasheet HTML 21Page - Advanced Micro Devices XCVU29P Datasheet HTML 22Page - Advanced Micro Devices XCVU29P Datasheet HTML 23Page - Advanced Micro Devices XCVU29P Datasheet HTML 24Page - Advanced Micro Devices XCVU29P Datasheet HTML 25Page - Advanced Micro Devices XCVU29P Datasheet HTML 26Page - Advanced Micro Devices XCVU29P Datasheet HTML 27Page - Advanced Micro Devices XCVU29P Datasheet HTML 28Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 68 page
background image
Table 24: IOB High Performance (HP) Switching Characteristics (cont'd)
I/O Standards
TINBUF_DELAY_PAD_I
TOUTBUF_DELAY_O_PAD
TOUTBUF_DELAY_TD_PAD
Units
0.90V
0.85V
0.72V
0.90V
0.85V
0.72V
0.90V
0.85V
0.72V
-3
-2
-1
-2
-3
-2
-1
-2
-3
-2
-1
-2
LVCMOS15_F_4
0.368
0.414 0.445
0.414
0.567
0.579 0.601
0.579
0.727
0.755
0.781
0.755
ns
LVCMOS15_F_6
0.368
0.414 0.445
0.414
0.533
0.547 0.569
0.547
0.684
0.711
0.742
0.711
ns
LVCMOS15_F_8
0.368
0.414 0.445
0.414
0.500
0.518 0.538
0.518
0.635
0.686
0.703
0.686
ns
LVCMOS15_M_12
0.368
0.414 0.445
0.414
0.607
0.607 0.644
0.607
0.637
0.637
0.676
0.637
ns
LVCMOS15_M_2
0.368
0.414 0.445
0.414
0.736
0.741 0.770
0.741
0.929
0.938
0.962
0.938
ns
LVCMOS15_M_4
0.368
0.414 0.445
0.414
0.610
0.625 0.651
0.625
0.733
0.754
0.786
0.754
ns
LVCMOS15_M_6
0.368
0.414 0.445
0.414
0.564
0.576 0.604
0.576
0.655
0.674
0.710
0.674
ns
LVCMOS15_M_8
0.368
0.414 0.445
0.414
0.565
0.568 0.601
0.568
0.634
0.639
0.681
0.639
ns
LVCMOS15_S_12
0.368
0.414 0.445
0.414
0.788
0.788 0.855
0.788
0.695
0.695
0.733
0.695
ns
LVCMOS15_S_2
0.368
0.414 0.445
0.414
0.829
0.829 0.864
0.829
1.038
1.039
1.079
1.039
ns
LVCMOS15_S_4
0.368
0.414 0.445
0.414
0.687
0.687 0.725
0.687
0.813
0.813
0.851
0.813
ns
LVCMOS15_S_6
0.368
0.414 0.445
0.414
0.671
0.671 0.710
0.671
0.726
0.726
0.763
0.726
ns
LVCMOS15_S_8
0.368
0.414 0.445
0.414
0.704
0.704 0.755
0.704
0.721
0.721
0.758
0.721
ns
LVCMOS18_F_12
0.352
0.418 0.445
0.418
0.564
0.573 0.601
0.573
0.696
0.731
0.769
0.731
ns
LVCMOS18_F_2
0.352
0.418 0.445
0.418
0.723
0.739 0.760
0.739
0.918
0.945
0.971
0.945
ns
LVCMOS18_F_4
0.352
0.418 0.445
0.418
0.598
0.609 0.630
0.609
0.749
0.778
0.802
0.778
ns
LVCMOS18_F_6
0.352
0.418 0.445
0.418
0.598
0.603 0.633
0.603
0.781
0.781
0.808
0.781
ns
LVCMOS18_F_8
0.352
0.418 0.445
0.418
0.567
0.573 0.600
0.573
0.712
0.733
0.767
0.733
ns
LVCMOS18_M_12
0.352
0.418 0.445
0.418
0.640
0.640 0.678
0.640
0.670
0.670
0.709
0.670
ns
LVCMOS18_M_2
0.352
0.418 0.445
0.418
0.785
0.798 0.822
0.798
0.986
0.991
1.016
0.991
ns
LVCMOS18_M_4
0.352
0.418 0.445
0.418
0.658
0.664 0.693
0.664
0.786
0.798
0.836
0.798
ns
LVCMOS18_M_6
0.352
0.418 0.445
0.418
0.625
0.629 0.663
0.629
0.727
0.735
0.775
0.735
ns
LVCMOS18_M_8
0.352
0.418 0.445
0.418
0.626
0.626 0.661
0.626
0.705
0.705
0.746
0.705
ns
LVCMOS18_S_12
0.352
0.418 0.445
0.418
0.795
0.795 0.861
0.795
0.683
0.683
0.721
0.683
ns
LVCMOS18_S_2
0.352
0.418 0.445
0.418
0.861
0.862 0.897
0.862
1.061
1.076
1.098
1.076
ns
LVCMOS18_S_4
0.352
0.418 0.445
0.418
0.716
0.716 0.758
0.716
0.829
0.829
0.872
0.829
ns
LVCMOS18_S_6
0.352
0.418 0.445
0.418
0.682
0.682 0.724
0.682
0.724
0.724
0.762
0.724
ns
LVCMOS18_S_8
0.352
0.418 0.445
0.418
0.707
0.707 0.760
0.707
0.709
0.709
0.745
0.709
ns
LVDCI_15_F
0.369
0.425 0.462
0.425
0.407
0.426 0.443
0.426
0.514
0.548
0.581
0.548
ns
LVDCI_15_M
0.369
0.425 0.462
0.425
0.549
0.553 0.582
0.553
0.632
0.645
0.685
0.645
ns
LVDCI_15_S
0.369
0.425 0.462
0.425
0.749
0.749 0.803
0.749
0.821
0.821
0.890
0.821
ns
LVDCI_18_F
0.367
0.414 0.447
0.414
0.422
0.441 0.459
0.441
0.541
0.560
0.589
0.560
ns
LVDCI_18_M
0.367
0.414 0.447
0.414
0.546
0.554 0.585
0.554
0.622
0.644
0.683
0.644
ns
LVDCI_18_S
0.367
0.414 0.447
0.414
0.760
0.760 0.818
0.760
0.837
0.837
0.899
0.837
ns
LVDS
0.508
0.539 0.620
0.539
0.626
0.626 0.662
0.626
960.447 960.447 960.447 960.447
ns
MIPI_DPHY_DCI_HS
0.305
0.386 0.415
0.386
0.489
0.502 0.522
0.502
N/A
N/A
N/A
N/A
ns
MIPI_DPHY_DCI_LP
8.438
8.438 8.792
8.438
0.895
0.914 0.937
0.914
N/A
N/A
N/A
N/A
ns
POD10_DCI_F
0.336
0.408 0.430
0.408
0.407
0.425 0.444
0.425
0.512
0.555
0.584
0.555
ns
POD10_DCI_M
0.336
0.408 0.430
0.408
0.533
0.542 0.571
0.542
0.618
0.640
0.681
0.640
ns
POD10_DCI_S
0.336
0.408 0.430
0.408
0.724
0.754 0.815
0.754
0.815
0.850
0.917
0.850
ns
Virtex UltraScale+ FPGA Data Sheet: DC and AC Switching Characteristics
DS923 (v1.10) April 26, 2019
www.xilinx.com
Product Specification
24
Send Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com