Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XCVU29P Datasheet(PDF) 5 Page - Advanced Micro Devices

Part # XCVU29P
Description  Virtex UltraScale FPGA Data Sheet: DC and AC Switching Characteristics
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

XCVU29P Datasheet(HTML) 5 Page - Advanced Micro Devices

  XCVU29P Datasheet HTML 1Page - Advanced Micro Devices XCVU29P Datasheet HTML 2Page - Advanced Micro Devices XCVU29P Datasheet HTML 3Page - Advanced Micro Devices XCVU29P Datasheet HTML 4Page - Advanced Micro Devices XCVU29P Datasheet HTML 5Page - Advanced Micro Devices XCVU29P Datasheet HTML 6Page - Advanced Micro Devices XCVU29P Datasheet HTML 7Page - Advanced Micro Devices XCVU29P Datasheet HTML 8Page - Advanced Micro Devices XCVU29P Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 68 page
background image
Table 2: Recommended Operating Conditions (cont'd)
Symbol
Description1, 2
Min
Typ
Max
Units
Temperature
Tj11
Junction temperature operating range for XCVU31P, XCVU33P,
XCVU35P, and XCVU37P extended (E) temperature devices12, 13,
14
0
–
100
°C
Junction temperature operating range for all other extended (E)
temperature devices12
0
–
100
°C
Junction temperature operating range for industrial (I)
temperature devices
–40
–
100
°C
Junction temperature operating range for eFUSE
programming15
–40
–
125
°C
Notes:
1.
All voltages are relative to GND.
2.
For the design of the power distribution system consult the UltraScale Architecture PCB Design User Guide (UG583).
3.
VCCINT_IO must be connected to VCCBRAM.
4.
For VCCO_0, the minimum recommended operating voltage for power on and during configuration is 1.425V. After configuration, data is
retained even if VCCO drops to 0V.
5.
Includes VCCO of 1.0V, 1.2V, 1.35V, 1.5V, and1.8V.
6.
VCCAUX_IO must be connected to VCCAUX.
7.
The lower absolute voltage specification always applies.
8.
A total of 200 mA per bank should not be exceeded.
9.
If battery is not used, connect VBATT to either GND or VCCAUX.
10. Each voltage listed requires filtering as described in the UltraScale Architecture GTY Transceivers User Guide (UG578) or the Virtex UltraScale
+ FPGAs GTM Transceivers User Guide (UG581).
11. Xilinx recommends measuring the Tj of a device using the system monitor as described in the UltraScale Architecture System Monitor User
Guide (UG580). The system monitor temperature measurement errors (that are described in Table 74) must be accounted for in your
design. For example, when using the system monitor with an external reference of 1.25V, and when the system monitor reports 97°C,
there is a measurement error ±3°C. A reading of 97°C is considered the maximum adjusted Tj (100°C – 3°C = 97°C).
12. Devices labeled with the speed/temperature grade of -2LE can operate for a limited time at a junction temperature between 100°C and
110°C. Timing parameters adhere to the same speed file at 110°C as they do below 110°C, regardless of operating voltage (nominal
voltage of 0.85V or a low-voltage of 0.72V). Operation up to Tj = 110°C is limited to 1% of the device lifetime and can occur sequentially or
at regular intervals as long as the total time does not exceed 1% of the device lifetime.
13. The recommended maximum operating temperature for high-bandwidth memory is 95°C.
14. Devices with HBM and labeled with the speed/temperature grade of -2LE can operate for a limited time at a junction temperature
between 95°C and 105°C. HBM operation up to Tj = 105°C is limited to 4.1% of the device lifetime and can occur sequentially or at regular
intervals as long as the total time does not exceed 4.1% of the device lifetime, and for no longer than 96 hours at a time. While operating
the HBM above 95°C, the refresh rate must be at least 4x the refresh rate at 95°C.
15. Do not program eFUSE during device configuration (e.g., during configuration, during configuration readback, or when readback CRC is
active).
DC Characteristics Over Recommended Operating Conditions
Table 3: DC Characteristics Over Recommended Operating Conditions
Symbol
Description
Min
Typ1
Max
Units
VDRINT
Data retention VCCINT voltage (below which configuration data
might be lost)
0.68
–
–
V
VDRAUX
Data retention VCCAUX voltage (below which configuration data
might be lost)
1.5
–
–
V
IREF
VREF leakage current per pin
–
–
15
µA
IL
Input or output leakage current per pin (sample-tested)2
–
–
15
µA
CIN3
Die input capacitance at the pad
–
–
3.1
pF
Virtex UltraScale+ FPGA Data Sheet: DC and AC Switching Characteristics
DS923 (v1.10) April 26, 2019
www.xilinx.com
Product Specification
5
Send Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com