Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XCVU29P Datasheet(PDF) 49 Page - Advanced Micro Devices

Part # XCVU29P
Description  Virtex UltraScale FPGA Data Sheet: DC and AC Switching Characteristics
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

XCVU29P Datasheet(HTML) 49 Page - Advanced Micro Devices

Back Button XCVU29P Datasheet HTML 45Page - Advanced Micro Devices XCVU29P Datasheet HTML 46Page - Advanced Micro Devices XCVU29P Datasheet HTML 47Page - Advanced Micro Devices XCVU29P Datasheet HTML 48Page - Advanced Micro Devices XCVU29P Datasheet HTML 49Page - Advanced Micro Devices XCVU29P Datasheet HTML 50Page - Advanced Micro Devices XCVU29P Datasheet HTML 51Page - Advanced Micro Devices XCVU29P Datasheet HTML 52Page - Advanced Micro Devices XCVU29P Datasheet HTML 53Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
Table 54: GTY Transceiver Protocol List (cont'd)
Protocol
Specification
Serial Rate (Gb/s)
Electrical
Compliance
5.0G Ethernet
IEEE 802.3bx (PAR)
5
Compliant
2.5G Ethernet
IEEE 802.3bx (PAR)
2.5
Compliant
HiGig, HiGig+, HiGig2
IEEE 802.3-2012
3.74, 6.6
Compliant
QSGMII
QSGMII v1.2 (Cisco System, ENG-46158)
5
Compliant
OTU2
ITU G.8251
10.709225
Compliant
OTU4 (OTL4.10)
OIF-CEI-11G-SR
11.180997
Compliant
OC-3/12/48/192
GR-253-CORE
0.1555–9.956
Compliant
PCIe Gen1, 2, 3
PCI Express base 3.0
2.5, 5.0, and 8.0
Compliant
SDI3
SMPTE 424M-2006
0.27–2.97
Compliant
UHD-SDI3
SMPTE ST-2081 6G, SMPTE ST-2082 12G
6 and 12
Compliant
Hybrid memory cube (HMC)
HMC-15G-SR
10, 12.5, and 15.0
Compliant
MoSys bandwidth engine
CEI-11-SR and CEI-11-SR (overclocked)
10.3125, 15.5
Compliant
CPRI
CPRI_v_6_1_2014-07-01
0.6144–12.165
Compliant
Passive optical network (PON)
10G-EPON, 1G-EPON, NG-PON2, XG-PON, and 2.5G-PON 0.155–10.3125
Compliant
JESD204a/b
OIF-CEI-6G, OIF-CEI-11G
3.125–12.5
Compliant
Serial RapidIO
RapidIO specification 3.1
1.25–10.3125
Compliant
DisplayPort
DP 1.2B CTS
1.62–5.4
Compliant3
Fibre channel
FC-PI-4
1.0625–14.025
Compliant
SATA Gen1, 2, 3
Serial ATA revision 3.0 specification
1.5, 3.0, and 6.0
Compliant
SAS Gen1, 2, 3
T10/BSR INCITS 519
3.0, 6.0, and 12.0
Compliant
SFI-5
OIF-SFI5-01.0
0.625 - 12.5
Compliant
Aurora
CEI-6G, CEI-11G-LR
All rates
Compliant
Notes:
1.
25 dB loss at Nyquist without FEC.
2.
The transition time of the transmitter is faster than the IEEE Std 802.3-2012 specification.
3.
This protocol requires external circuitry to achieve compliance.
GTM Transceiver Specifications
The UltraScale Architecture and Product Data Sheet: Overview (DS890) lists the Virtex UltraScale+ FPGAs that
include the GTM transceivers.
GTM Transceiver DC Input and Output Levels
Table 55 summarizes the DC specifications of the GTM transceivers in Virtex UltraScale+ FPGAs. Consult the
Virtex UltraScale+ FPGAs GTM Transceivers User Guide (UG581) for further details.
Table 55: GTM Transceiver DC Specifications
Symbol
DC Parameter
Conditions
Min
Typ
Max
Units
DVPPIN
Differential peak-to-peak input voltage (external AC coupled)
150
–
1250
mV
Virtex UltraScale+ FPGA Data Sheet: DC and AC Switching Characteristics
DS923 (v1.10) April 26, 2019
www.xilinx.com
Product Specification
49
Send Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com