Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XCVU29P Datasheet(PDF) 4 Page - Advanced Micro Devices

Part # XCVU29P
Description  Virtex UltraScale FPGA Data Sheet: DC and AC Switching Characteristics
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

XCVU29P Datasheet(HTML) 4 Page - Advanced Micro Devices

  XCVU29P Datasheet HTML 1Page - Advanced Micro Devices XCVU29P Datasheet HTML 2Page - Advanced Micro Devices XCVU29P Datasheet HTML 3Page - Advanced Micro Devices XCVU29P Datasheet HTML 4Page - Advanced Micro Devices XCVU29P Datasheet HTML 5Page - Advanced Micro Devices XCVU29P Datasheet HTML 6Page - Advanced Micro Devices XCVU29P Datasheet HTML 7Page - Advanced Micro Devices XCVU29P Datasheet HTML 8Page - Advanced Micro Devices XCVU29P Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 68 page
background image
Table 2: Recommended Operating Conditions (cont'd)
Symbol
Description1, 2
Min
Typ
Max
Units
VCC_IO_HBM
I/O supply voltage for the high-bandwidth memory
1.164
1.200
1.236
V
VCCAUX_HBM
Auxiliary supply voltage for the high-bandwidth memory
2.425
2.500
2.575
V
GTY or GTM Transceiver
VCCINT_GT
Digital supply voltage for select modules in the GTM
transceivers
0.825
0.850
0.876
V
For -3E devices: Digital supply voltage for select modules in the
GTM transceivers supply voltage
0.873
0.900
0.927
V
VMGTAVCC10
Analog supply voltage for the GTY or GTM transceiver
0.873
0.900
0.927
V
VMGTAVTT10
Analog supply voltage for the GTY or GTM transmitter and
receiver termination circuits
1.164
1.200
1.236
V
VMGTVCCAUX10
Auxiliary analog QPLL voltage supply for the transceivers
1.746
1.800
1.854
V
VMGTAVTTRCAL10
Analog supply voltage for the resistor calibration circuit of the
GTY or GTM transceiver column
1.164
1.200
1.236
V
System Monitor
VCCADC
System Monitor supply relative to GNDADC
1.746
1.800
1.854
V
VREFP
System Monitor externally supplied reference voltage relative to
GNDADC
1.200
1.250
1.300
V
Virtex UltraScale+ FPGA Data Sheet: DC and AC Switching Characteristics
DS923 (v1.10) April 26, 2019
www.xilinx.com
Product Specification
4
Send Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com