Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XCVU29P Datasheet(PDF) 7 Page - Advanced Micro Devices

Part # XCVU29P
Description  Virtex UltraScale FPGA Data Sheet: DC and AC Switching Characteristics
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

XCVU29P Datasheet(HTML) 7 Page - Advanced Micro Devices

Back Button XCVU29P Datasheet HTML 3Page - Advanced Micro Devices XCVU29P Datasheet HTML 4Page - Advanced Micro Devices XCVU29P Datasheet HTML 5Page - Advanced Micro Devices XCVU29P Datasheet HTML 6Page - Advanced Micro Devices XCVU29P Datasheet HTML 7Page - Advanced Micro Devices XCVU29P Datasheet HTML 8Page - Advanced Micro Devices XCVU29P Datasheet HTML 9Page - Advanced Micro Devices XCVU29P Datasheet HTML 10Page - Advanced Micro Devices XCVU29P Datasheet HTML 11Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
Table 3: DC Characteristics Over Recommended Operating Conditions (cont'd)
Symbol
Description
Min
Typ1
Max
Units
r
Temperature diode series resistance
–
2
–
Ω
Notes:
1.
Typical values are specified at nominal voltage, 25°C.
2.
For the I/O banks with a VCCO of 1.8V and separated VCCO and VCCAUX_IO power supplies, the IL maximum current is 70 µA.
3.
This measurement represents the die capacitance at the pad, not including the package.
4.
Maximum value specified for worst case process at 25°C. For the XCVU5P, XCVU7P, XCVU9P, XCVU11P, XCVU13P, XCVU27P, XCVU29P,
XCVU35P, and XCVU37P devices, multiply the value by the number of super-logic regions (SLRs) in the device.
5.
IBATT is measured when the battery-backed RAM (BBRAM) is enabled.
6.
Do not program eFUSE during device configuration (e.g., during configuration, during configuration readback, or when readback CRC is
active).
7.
VRP resistor tolerance is (240Ω ±1%).
8.
If VRP resides at a different bank (DCI cascade), the range increases to ±15%.
9.
On-die input termination resistance, for more information see the UltraScale Architecture SelectIO Resources User Guide (UG571).
VIN Maximum Allowed AC Voltage Overshoot and Undershoot
Table 4: VIN Maximum Allowed AC Voltage Overshoot and Undershoot for HP I/O Banks
AC Voltage Overshoot1
% of UI2 at –40°C to 100°C
AC Voltage Undershoot1
% of UI2 at –40°C to 100°C
VCCO + 0.30
100%
–0.30
100%
VCCO + 0.35
100%
–0.35
100%
VCCO + 0.40
92%
–0.40
92%
VCCO + 0.45
50%
–0.45
50%
VCCO + 0.50
20%
–0.50
20%
VCCO + 0.55
10%
–0.55
10%
VCCO + 0.60
6%
–0.60
6%
VCCO + 0.65
2%
–0.65
2%
VCCO + 0.70
2%
–0.70
2%
Notes:
1.
A total of 200 mA per bank should not be exceeded.
2.
For UI smaller than 20 µs.
3.
For the -1M devices, the temperature limits are –55°C to 125°C.
Virtex UltraScale+ FPGA Data Sheet: DC and AC Switching Characteristics
DS923 (v1.10) April 26, 2019
www.xilinx.com
Product Specification
7
Send Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com