Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XCVU29P Datasheet(PDF) 3 Page - Advanced Micro Devices

Part # XCVU29P
Description  Virtex UltraScale FPGA Data Sheet: DC and AC Switching Characteristics
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

XCVU29P Datasheet(HTML) 3 Page - Advanced Micro Devices

  XCVU29P Datasheet HTML 1Page - Advanced Micro Devices XCVU29P Datasheet HTML 2Page - Advanced Micro Devices XCVU29P Datasheet HTML 3Page - Advanced Micro Devices XCVU29P Datasheet HTML 4Page - Advanced Micro Devices XCVU29P Datasheet HTML 5Page - Advanced Micro Devices XCVU29P Datasheet HTML 6Page - Advanced Micro Devices XCVU29P Datasheet HTML 7Page - Advanced Micro Devices XCVU29P Datasheet HTML 8Page - Advanced Micro Devices XCVU29P Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 68 page
background image
Table 1: Absolute Maximum Ratings (cont'd)
Symbol
Description1
Min
Max
Units
Tj
Maximum junction temperature for XCVU31P, XCVU33P, XCVU35P,
XCVU37P
–
120
°C
Maximum junction temperature for all other devices
–
125
°C
Notes:
1.
Stresses beyond those listed under Absolute Maximum Ratings might cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those listed under Operating Conditions is not
implied. Exposure to Absolute Maximum Ratings conditions for extended periods of time might affect device reliability.
2.
VCCINT_IO must be connected to VCCBRAM.
3.
VCCAUX_IO must be connected to VCCAUX.
4.
The lower absolute voltage specification always applies.
5.
For I/O operation, see the UltraScale Architecture SelectIO Resources User Guide (UG571).
6.
When operating outside of the recommended operating conditions, refer to Table 4 for maximum overshoot and undershoot
specifications.
7.
For more information on supported GTY transceiver terminations see the UltraScale Architecture GTY Transceivers User Guide (UG578) or
Virtex UltraScale+ FPGAs GTM Transceivers User Guide (UG581).
8.
AC coupled operation is not supported for RX termination = floating.
9.
For GTY transceivers, DC coupled operation is not supported for RX termination = GND.
10. DC coupled operation is not supported for RX termination = programmable.
11. For soldering guidelines and thermal considerations, see the UltraScale and UltraScale+ FPGAs Packaging and Pinouts Product Specification
(UG575).
12. For devices with high-bandwidth memory (HBM), the storage temperature is the case surface temperature on the center/top side of the
device. For the measurement conditions, refer to the JESD51-2 standard.
Recommended Operating Conditions
Table 2: Recommended Operating Conditions
Symbol
Description1, 2
Min
Typ
Max
Units
FPGA Logic
VCCINT
Internal supply voltage
0.825
0.850
0.876
V
For -2LE (VCCINT = 0.72V) devices: internal supply voltage
0.698
0.720
0.742
V
For -3E devices: internal supply voltage
0.873
0.900
0.927
V
VCCINT_IO3
Internal supply voltage for the I/O banks
0.825
0.850
0.876
V
For -2LE (VCCINT = 0.72V) devices: internal supply voltage for the
I/O banks
0.825
0.850
0.876
V
For -3E devices: internal supply voltage for the I/O banks
0.873
0.900
0.927
V
VCCBRAM
Block RAM supply voltage
0.825
0.850
0.876
V
For -3E devices: block RAM supply voltage
0.873
0.900
0.927
V
VCCAUX
Auxiliary supply voltage
1.746
1.800
1.854
V
VCCO4, 5
Supply voltage for I/O banks
0.950
–
1.900
V
VCCAUX_IO6
Auxiliary I/O supply voltage
1.746
1.800
1.854
V
VIN7
I/O input voltage
–0.200
–
VCCO + 0.200
V
IIN8
Maximum current through any pin in a powered or unpowered
bank when forward biasing the clamp diode
–
–
10
mA
VBATT9
Battery voltage
1.000
–
1.890
V
High Bandwidth Memory
VCC_HBM
Supply voltage for the high-bandwidth memory (HBM)
1.164
1.200
1.236
V
Virtex UltraScale+ FPGA Data Sheet: DC and AC Switching Characteristics
DS923 (v1.10) April 26, 2019
www.xilinx.com
Product Specification
3
Send Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com