Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XCVU29P Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # XCVU29P
Description  Virtex UltraScale FPGA Data Sheet: DC and AC Switching Characteristics
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

XCVU29P Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button XCVU29P Datasheet HTML 7Page - Advanced Micro Devices XCVU29P Datasheet HTML 8Page - Advanced Micro Devices XCVU29P Datasheet HTML 9Page - Advanced Micro Devices XCVU29P Datasheet HTML 10Page - Advanced Micro Devices XCVU29P Datasheet HTML 11Page - Advanced Micro Devices XCVU29P Datasheet HTML 12Page - Advanced Micro Devices XCVU29P Datasheet HTML 13Page - Advanced Micro Devices XCVU29P Datasheet HTML 14Page - Advanced Micro Devices XCVU29P Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
Table 6: Power-on Current by Device
Device
ICCINTMIN
ICCINT_IOMIN + ICCBRAMMIN
ICCOMIN
ICCAUXMIN + ICCAUX_IOMIN
Units
XCVU3P,
XQVU3P
ICCINTQ + 2000
ICCBRAMQ + ICCINT_IOQ + 670
ICCOQ + 50
ICCAUXQ + ICCAUX_IOQ + 350
mA
XCVU5P
ICCINTQ + 4000
ICCBRAMQ + ICCINT_IOQ + 1340
ICCOQ + 100
ICCAUXQ + ICCAUX_IOQ + 700
mA
XCVU7P,
XQVU7P
ICCINTQ + 4000
ICCBRAMQ + ICCINT_IOQ + 1340
ICCOQ + 100
ICCAUXQ + ICCAUX_IOQ + 700
mA
XCVU9P
ICCINTQ + 6000
ICCBRAMQ + ICCINT_IOQ + 2010
ICCOQ + 150
ICCAUXQ + ICCAUX_IOQ + 1050
mA
XCVU11P,
XQVU11P
ICCINTQ + 6549
ICCBRAMQ + ICCINT_IOQ + 2194
ICCOQ + 164
ICCAUXQ + ICCAUX_IOQ + 1146
mA
XCVU13P
ICCINTQ + 8731
ICCBRAMQ + ICCINT_IOQ + 2925
ICCOQ + 219
ICCAUXQ + ICCAUX_IOQ + 1528
mA
XCVU27P
mA
XCVU29P
mA
XCVU31P
ICCINTQ + 2232
ICCBRAMQ + ICCINT_IOQ + 2500
ICCOQ + 56
ICCAUXQ + ICCAUX_IOQ + 500
mA
XCVU33P
ICCINTQ + 2232
ICCBRAMQ + ICCINT_IOQ + 2500
ICCOQ + 56
ICCAUXQ + ICCAUX_IOQ + 500
mA
XCVU35P
ICCINTQ + 4424
ICCBRAMQ + ICCINT_IOQ + 3537
ICCOQ + 111
ICCAUXQ + ICCAUX_IOQ + 882
mA
XCVU37P
ICCINTQ + 6617
ICCBRAMQ + ICCINT_IOQ + 4574
ICCOQ + 166
ICCAUXQ + ICCAUX_IOQ + 1264
mA
Table 7: Power Supply Ramp Time
Symbol
Description
Min
Max
Units
TVCCINT
Ramp time from GND to 95% of VCCINT
0.2
40
ms
TVCCINT_IO
Ramp time from GND to 95% of VCCINT_IO
0.2
40
ms
TVCCO
Ramp time from GND to 95% of VCCO
0.2
40
ms
TVCCAUX
Ramp time from GND to 95% of VCCAUX
0.2
40
ms
TVCCBRAM
Ramp time from GND to 95% of VCCBRAM
0.2
40
ms
TVCC_HBM
Ramp time from GND to 95% of VCC_HBM
0.2
40
ms
TVCC_IO_HBM
Ramp time from GND to 95% of VCC_IO_HBM
0.2
40
ms
TVCCAUX_HBM
Ramp time from GND to 95% of VCCAUX_HBM
0.2
40
ms
TMGTAVCC
Ramp time from GND to 95% of VMGTAVCC
0.2
40
ms
TMGTAVTT
Ramp time from GND to 95% of VMGTAVTT
0.2
40
ms
TMGTVCCAUX
Ramp time from GND to 95% of VMGTVCCAUX
0.2
40
ms
DC Input and Output Levels
Values for VIL and VIH are recommended input voltages. Values for IOL and IOH are guaranteed over the
recommended operating conditions at the VOL and VOH test points. Only selected standards are tested. These
are chosen to ensure that all standards meet their specifications. The selected standards are tested at a
minimum VCCO with the respective VOL and VOH voltage levels shown. Other standards are sample tested.
Virtex UltraScale+ FPGA Data Sheet: DC and AC Switching Characteristics
DS923 (v1.10) April 26, 2019
www.xilinx.com
Product Specification
11
Send Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com