Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XCVU29P Datasheet(PDF) 34 Page - Advanced Micro Devices

Part # XCVU29P
Description  Virtex UltraScale FPGA Data Sheet: DC and AC Switching Characteristics
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

XCVU29P Datasheet(HTML) 34 Page - Advanced Micro Devices

Back Button XCVU29P Datasheet HTML 30Page - Advanced Micro Devices XCVU29P Datasheet HTML 31Page - Advanced Micro Devices XCVU29P Datasheet HTML 32Page - Advanced Micro Devices XCVU29P Datasheet HTML 33Page - Advanced Micro Devices XCVU29P Datasheet HTML 34Page - Advanced Micro Devices XCVU29P Datasheet HTML 35Page - Advanced Micro Devices XCVU29P Datasheet HTML 36Page - Advanced Micro Devices XCVU29P Datasheet HTML 37Page - Advanced Micro Devices XCVU29P Datasheet HTML 38Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 68 page
background image
Device Pin-to-Pin Output Parameter Guidelines
The pin-to-pin numbers in the following tables are based on the clock root placement in the center of the
device. The actual pin-to-pin values will vary if the root placement selected is different. Consult the Vivado
Design Suite timing report for the actual pin-to-pin values.
Table 35: Global Clock Input to Output Delay Without MMCM (Near Clock Region)
Symbol
Description1
Device
Speed Grade and VCCINT Operating Voltages
Units
0.90V
0.85V
0.72V
-3
-2
-1
-2
SSTL15 Global Clock Input to Output Delay using Output Flip-Flop, Fast Slew Rate, without MMCM
TICKOF
Global clock input and output flip-flop without
MMCM (near clock region)
XCVU3P
4.41
4.77
5.09
5.48
ns
XCVU5P
4.41
4.77
5.09
5.48
ns
XCVU7P
4.41
4.77
5.09
5.48
ns
XCVU9P
4.41
4.77
5.09
5.48
ns
XCVU11P
4.22
4.59
4.90
5.27
ns
XCVU13P
4.22
4.59
4.90
5.27
ns
XCVU27P
4.22
4.59
4.90
5.27
ns
XCVU29P
4.22
4.59
4.90
5.27
ns
XCVU31P
4.22
4.59
4.90
5.27
ns
XCVU33P
4.22
4.59
4.90
5.27
ns
XCVU35P
4.22
4.59
4.90
5.27
ns
XCVU37P
4.22
4.59
4.90
5.27
ns
XQVU3P
N/A
4.77
5.09
5.48
ns
XQVU7P
N/A
4.77
5.09
5.48
ns
XQVU11P
N/A
4.59
4.90
5.27
ns
Notes:
1.
This table lists representative values where one global clock input drives one vertical clock line in each accessible column, and where all
accessible I/O and CLB flip-flops are clocked by the global clock net in a single SLR.
Virtex UltraScale+ FPGA Data Sheet: DC and AC Switching Characteristics
DS923 (v1.10) April 26, 2019
www.xilinx.com
Product Specification
34
Send Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com