Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XCVU29P Datasheet(PDF) 8 Page - Advanced Micro Devices

Part # XCVU29P
Description  Virtex UltraScale FPGA Data Sheet: DC and AC Switching Characteristics
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

XCVU29P Datasheet(HTML) 8 Page - Advanced Micro Devices

Back Button XCVU29P Datasheet HTML 4Page - Advanced Micro Devices XCVU29P Datasheet HTML 5Page - Advanced Micro Devices XCVU29P Datasheet HTML 6Page - Advanced Micro Devices XCVU29P Datasheet HTML 7Page - Advanced Micro Devices XCVU29P Datasheet HTML 8Page - Advanced Micro Devices XCVU29P Datasheet HTML 9Page - Advanced Micro Devices XCVU29P Datasheet HTML 10Page - Advanced Micro Devices XCVU29P Datasheet HTML 11Page - Advanced Micro Devices XCVU29P Datasheet HTML 12Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
Quiescent Supply Current
Table 5: Typical Quiescent Supply Current
Symbol
Description1, 2, 3
Device
Speed Grade and VCCINT Operating Voltages
Units
0.90V
0.85V
0.72V
-3
-2
-1
-2
ICCINTQ
Quiescent VCCINT supply current
XCVU3P
2384
2276
2276
2017
mA
XCVU5P
4769
4552
4552
4034
mA
XCVU7P
4769
4552
4552
4034
mA
XCVU9P
7153
6828
6828
6050
mA
XCVU11P
7567
7202
7202
6332
mA
XCVU13P
10090
9602
9602
8442
mA
XCVU31P
2528
2406
2406
2115
mA
XCVU33P
2528
2406
2406
2115
mA
XCVU35P
5051
4807
4807
4226
mA
XCVU37P
7573
7207
7207
6336
mA
XCVU27P
9962
9516
9516
8449
mA
XCVU29P
9962
9516
9516
8449
mA
ICCINT_IOQ
Quiescent VCCINT_IO supply current
XCVU3P
149
144
144
144
mA
XCVU5P
298
287
287
287
mA
XCVU7P
298
287
287
287
mA
XCVU9P
447
431
431
431
mA
XCVU11P
182
176
176
176
mA
XCVU13P
243
234
234
234
mA
XCVU31P
747
723
723
723
mA
XCVU33P
747
723
723
723
mA
XCVU35P
776
750
750
750
mA
XCVU37P
804
778
778
778
mA
XCVU27P
241
232
232
232
mA
XCVU29P
241
232
232
232
mA
ICCOQ
Quiescent VCCO supply current
All devices
1
1
1
1
mA
ICCAUXQ
Quiescent VCCAUX supply current
XCVU3P
268
268
268
268
mA
XCVU5P
535
535
535
535
mA
XCVU7P
535
535
535
535
mA
XCVU9P
1015
1015
1015
1015
mA
XCVU11P
819
819
819
819
mA
XCVU13P
1091
1091
1091
1091
mA
XCVU31P
223
223
223
223
mA
XCVU33P
223
223
223
223
mA
XCVU35P
444
444
444
444
mA
XCVU37P
665
665
665
665
mA
XCVU27P
1091
1091
1091
1091
mA
XCVU29P
1091
1091
1091
1091
mA
Virtex UltraScale+ FPGA Data Sheet: DC and AC Switching Characteristics
DS923 (v1.10) April 26, 2019
www.xilinx.com
Product Specification
8
Send Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com