Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XCVU29P Datasheet(PDF) 12 Page - Advanced Micro Devices

Part # XCVU29P
Description  Virtex UltraScale FPGA Data Sheet: DC and AC Switching Characteristics
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

XCVU29P Datasheet(HTML) 12 Page - Advanced Micro Devices

Back Button XCVU29P Datasheet HTML 8Page - Advanced Micro Devices XCVU29P Datasheet HTML 9Page - Advanced Micro Devices XCVU29P Datasheet HTML 10Page - Advanced Micro Devices XCVU29P Datasheet HTML 11Page - Advanced Micro Devices XCVU29P Datasheet HTML 12Page - Advanced Micro Devices XCVU29P Datasheet HTML 13Page - Advanced Micro Devices XCVU29P Datasheet HTML 14Page - Advanced Micro Devices XCVU29P Datasheet HTML 15Page - Advanced Micro Devices XCVU29P Datasheet HTML 16Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 68 page
background image
I/O Levels
Table 8: SelectIO DC Input and Output Levels for I/O Banks
I/O Standard1, 2, 3
VIL
VIH
VOL
VOH
IOL
IOH
V, Min
V, Max
V, Min
V, Max
V, Max
V, Min
mA
mA
HSTL_I
–0.300
VREF – 0.100
VREF + 0.100
VCCO + 0.300
0.400
VCCO – 0.400
5.8
–5.8
HSTL_I_12
–0.300
VREF – 0.080
VREF + 0.080
VCCO + 0.300
25% VCCO
75% VCCO
4.1
–4.1
HSTL_I_18
–0.300
VREF – 0.100
VREF + 0.100
VCCO + 0.300
0.400
VCCO – 0.400
6.2
–6.2
HSUL_12
–0.300
VREF – 0.130
VREF + 0.130
VCCO + 0.300
20% VCCO
80% VCCO
0.1
–0.1
LVCMOS12
–0.300
35% VCCO
65% VCCO
VCCO + 0.300
0.400
VCCO – 0.400
Note 4
Note 4
LVCMOS15
–0.300
35% VCCO
65% VCCO
VCCO + 0.300
0.450
VCCO – 0.450
Note 5
Note 5
LVCMOS18
–0.300
35% VCCO
65% VCCO
VCCO + 0.300
0.450
VCCO – 0.450
Note 5
Note 5
LVDCI_15
–0.300
35% VCCO
65% VCCO
VCCO + 0.300
0.450
VCCO – 0.450
7.0
–7.0
LVDCI_18
–0.300
35% VCCO
65% VCCO
VCCO + 0.300
0.450
VCCO – 0.450
7.0
–7.0
SSTL12
–0.300
VREF – 0.100
VREF + 0.100
VCCO + 0.300
VCCO/2 – 0.150
VCCO/2 + 0.150
8.0
–8.0
SSTL135
–0.300
VREF – 0.090
VREF + 0.090
VCCO + 0.300
VCCO/2 – 0.150
VCCO/2 + 0.150
9.0
–9.0
SSTL15
–0.300
VREF – 0.100
VREF + 0.100
VCCO + 0.300
VCCO/2 – 0.175
VCCO/2 + 0.175
10.0
–10.0
SSTL18_I
–0.300
VREF – 0.125
VREF + 0.125
VCCO + 0.300
VCCO/2 – 0.470
VCCO/2 + 0.470
7.0
–7.0
MIPI_DPHY_ DCI_LP6
–0.300
0.550
0.880
VCCO + 0.300
0.050
1.100
0.01
–0.01
Notes:
1.
Tested according to relevant specifications.
2.
Standards specified using the default I/O standard configuration. For details, see the UltraScale Architecture SelectIO Resources User Guide
(UG571).
3.
POD10 and POD12 DC input and output levels are shown in Table 9, Table 13, and Table 14.
4.
Supported drive strengths of 2, 4, 6, or 8 mA in I/O banks.
5.
Supported drive strengths of 2, 4, 6, 8, or 12 mA in I/O banks.
6.
Low-power option for MIPI_DPHY_DCI.
Table 9: DC Input Levels for Single-ended POD10 and POD12 I/O Standards
I/O Standard1, 2
VIL
VIH
V, Min
V, Max
V, Min
V, Max
POD10
–0.300
VREF – 0.068
VREF + 0.068
VCCO + 0.300
POD12
–0.300
VREF – 0.068
VREF + 0.068
VCCO + 0.300
Notes:
1.
Tested according to relevant specifications.
2.
Standards specified using the default I/O standard configuration. For details, see the UltraScale Architecture SelectIO Resources User Guide
(UG571).
Virtex UltraScale+ FPGA Data Sheet: DC and AC Switching Characteristics
DS923 (v1.10) April 26, 2019
www.xilinx.com
Product Specification
12
Send Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com