Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XCVU29P Datasheet(PDF) 32 Page - Advanced Micro Devices

Part # XCVU29P
Description  Virtex UltraScale FPGA Data Sheet: DC and AC Switching Characteristics
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

XCVU29P Datasheet(HTML) 32 Page - Advanced Micro Devices

Back Button XCVU29P Datasheet HTML 28Page - Advanced Micro Devices XCVU29P Datasheet HTML 29Page - Advanced Micro Devices XCVU29P Datasheet HTML 30Page - Advanced Micro Devices XCVU29P Datasheet HTML 31Page - Advanced Micro Devices XCVU29P Datasheet HTML 32Page - Advanced Micro Devices XCVU29P Datasheet HTML 33Page - Advanced Micro Devices XCVU29P Datasheet HTML 34Page - Advanced Micro Devices XCVU29P Datasheet HTML 35Page - Advanced Micro Devices XCVU29P Datasheet HTML 36Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 68 page
background image
MMCM Switching Characteristics
Table 33: MMCM Specification
Symbol
Description
Speed Grade and VCCINT Operating Voltages
Units
0.90V
0.85V
0.72V
-3
-2
-1
-2
MMCM_FINMAX
Maximum input clock frequency
1066
933
800
933
MHz
MMCM_FINMIN
Minimum input clock frequency
10
10
10
10
MHz
MMCM_FINJITTER
Maximum input clock period jitter
< 20% of clock input period or 1 ns Max
MMCM_FINDUTY
Input duty cycle range: 10–49 MHz
25–75
%
Input duty cycle range: 50–199 MHz
30–70
%
Input duty cycle range: 200–399 MHz
35–65
%
Input duty cycle range: 400–499 MHz
40–60
%
Input duty cycle range: >500 MHz
45–55
%
MMCM_FMIN_PSCLK
Minimum dynamic phase shift clock
frequency
0.01
0.01
0.01
0.01
MHz
MMCM_FMAX_PSCLK
Maximum dynamic phase shift clock
frequency
550
500
450
500
MHz
MMCM_FVCOMIN
Minimum MMCM VCO frequency
800
800
800
800
MHz
MMCM_FVCOMAX
Maximum MMCM VCO frequency
1600
1600
1600
1600
MHz
MMCM_FBANDWIDTH
Low MMCM bandwidth at typical1
1.00
1.00
1.00
1.00
MHz
High MMCM bandwidth at typical1
4.00
4.00
4.00
4.00
MHz
MMCM_TSTATPHAOFFSET
Static phase offset of the MMCM outputs2
0.12
0.12
0.12
0.12
ns
MMCM_TOUTJITTER
MMCM output jitter
Note 3
MMCM_TOUTDUTY
MMCM output clock duty cycle precision4
0.165
0.20
0.20
0.20
ns
MMCM_TLOCKMAX
MMCM maximum lock time for
MMCM_FPFDMIN
100
100
100
100
µs
MMCM_FOUTMAX
MMCM maximum output frequency
891
775
667
725
MHz
MMCM_FOUTMIN
MMCM minimum output frequency4, 5
6.25
6.25
6.25
6.25
MHz
MMCM_TEXTFDVAR
External clock feedback variation
< 20% of clock input period or 1 ns Max
MMCM_RSTMINPULSE
Minimum reset pulse width
5.00
5.00
5.00
5.00
ns
MMCM_FPFDMAX
Maximum frequency at the phase
frequency detector
550
500
450
500
MHz
MMCM_FPFDMIN
Minimum frequency at the phase
frequency detector
10
10
10
10
MHz
MMCM_TFBDELAY
Maximum delay in the feedback path
5 ns Max or one clock cycle
MMCM_FDPRCLK_MAX
Maximum DRP clock frequency
250
250
250
250
MHz
Notes:
1.
The MMCM does not filter typical spread-spectrum input clocks because they are usually far below the bandwidth filter frequencies.
2.
The static offset is measured between any MMCM outputs with identical phase.
3.
Values for this parameter are available in the Clocking Wizard.
4.
Includes global clock buffer.
5.
Calculated as FVCO/128 assuming output duty cycle is 50%.
Virtex UltraScale+ FPGA Data Sheet: DC and AC Switching Characteristics
DS923 (v1.10) April 26, 2019
www.xilinx.com
Product Specification
32
Send Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com