Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XCVU29P Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # XCVU29P
Description  Virtex UltraScale FPGA Data Sheet: DC and AC Switching Characteristics
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

XCVU29P Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button XCVU29P Datasheet HTML 9Page - Advanced Micro Devices XCVU29P Datasheet HTML 10Page - Advanced Micro Devices XCVU29P Datasheet HTML 11Page - Advanced Micro Devices XCVU29P Datasheet HTML 12Page - Advanced Micro Devices XCVU29P Datasheet HTML 13Page - Advanced Micro Devices XCVU29P Datasheet HTML 14Page - Advanced Micro Devices XCVU29P Datasheet HTML 15Page - Advanced Micro Devices XCVU29P Datasheet HTML 16Page - Advanced Micro Devices XCVU29P Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
Table 10: Differential SelectIO DC Input and Output Levels
I/O Standard
VICM (V)1
VID (V)2
VILHS3
VIHHS3
VOCM (V)4
VOD (V)5
Min
Typ
Max
Min
Typ
Max
Min
Max
Min
Typ
Max
Min
Typ
Max
SUB_LVDS
0.500 0.900 1.300 0.070
–
–
–
–
0.700 0.900 1.100
0.100
0.150
0.200
SLVS_400_18
0.070 0.200 0.330 0.140
–
0.450
–
–
–
–
–
–
–
–
MIPI_DPHY_
DCI_HS7
0.070
–
0.330 0.070
–
–
–0.040
0.460
0.150 0.200 0.250
0.140
0.200
0.270
Notes:
1.
VICM is the input common mode voltage.
2.
VID is the input differential voltage (Q – Q).
3.
VIHHS and VILHS are the single-ended input high and low voltages, respectively.
4.
VOCM is the output common mode voltage.
5.
VOD is the output differential voltage (Q – Q).
6.
LVDS is specified in Table 15.
7.
High-speed option for MIPI_DPHY_DCI. The VID maximum is aligned with the standard’s specification. A higher VID is acceptable as long
as the VIN specification is also met.
Table 11: Complementary Differential SelectIO DC Input and Output Levels for I/O Banks
I/O Standard1
VICM (V)2
VID (V)3
VOL (V)4
VOH (V)5
IOL
IOH
Min
Typ
Max
Min
Max
Max
Min
mA
mA
DIFF_HSTL_I
0.680
VCCO/2
(VCCO/2) + 0.150
0.100
–
0.400
VCCO – 0.400
5.8
–5.8
DIFF_HSTL_I_12
0.400 x VCCO
VCCO/2
0.600 x VCCO
0.100
–
0.250 x VCCO
0.750 x VCCO
4.1
–4.1
DIFF_HSTL_I_18
(VCCO/2) – 0.175
VCCO/2
(VCCO/2) + 0.175
0.100
–
0.400
VCCO – 0.400
6.2
–6.2
DIFF_HSUL_12
(VCCO/2) – 0.120
VCCO/2
(VCCO/2) + 0.120
0.100
–
20% VCCO
80% VCCO
0.1
–0.1
DIFF_SSTL12
(VCCO/2) – 0.150
VCCO/2
(VCCO/2) + 0.150
0.100
–
(VCCO/2) – 0.150
(VCCO/2) + 0.150
8.0
–8.0
DIFF_SSTL135
(VCCO/2) – 0.150
VCCO/2
(VCCO/2) + 0.150
0.100
–
(VCCO/2) – 0.150
(VCCO/2) + 0.150
9.0
–9.0
DIFF_SSTL15
(VCCO/2) – 0.175
VCCO/2
(VCCO/2) + 0.175
0.100
–
(VCCO/2) – 0.175
(VCCO/2) + 0.175
10.0 –10.0
DIFF_SSTL18_I
(VCCO/2) – 0.175
VCCO/2
(VCCO/2) + 0.175
0.100
–
(VCCO/2) – 0.470
(VCCO/2) + 0.470
7.0
–7.0
Notes:
1.
DIFF_POD10 and DIFF_POD12 HP I/O bank specifications are shown in Table 12, Table 13, Table 14.
2.
VICM is the input common mode voltage.
3.
VID is the input differential voltage.
4.
VOL is the single-ended low-output voltage.
5.
VOH is the single-ended high-output voltage.
Table 12: DC Input Levels for Differential POD10 and POD12 I/O Standards
I/O Standard1, 2
VICM (V)
VID (V)
Min
Typ
Max
Min
Max
DIFF_POD10
0.63
0.70
0.77
0.14
–
DIFF_POD12
0.76
0.84
0.92
0.16
–
Notes:
1.
Tested according to relevant specifications.
2.
Standards specified using the default I/O standard configuration. For details, see the UltraScale Architecture SelectIO Resources User Guide
(UG571).
Virtex UltraScale+ FPGA Data Sheet: DC and AC Switching Characteristics
DS923 (v1.10) April 26, 2019
www.xilinx.com
Product Specification
13
Send Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com