Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM320VC33 Datasheet(PDF) 29 Page - Texas Instruments

Part # SM320VC33
Description  SMx320VC33 Digital Signal Processor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SM320VC33 Datasheet(HTML) 29 Page - Texas Instruments

Back Button SM320VC33 Datasheet HTML 25Page - Texas Instruments SM320VC33 Datasheet HTML 26Page - Texas Instruments SM320VC33 Datasheet HTML 27Page - Texas Instruments SM320VC33 Datasheet HTML 28Page - Texas Instruments SM320VC33 Datasheet HTML 29Page - Texas Instruments SM320VC33 Datasheet HTML 30Page - Texas Instruments SM320VC33 Datasheet HTML 31Page - Texas Instruments SM320VC33 Datasheet HTML 32Page - Texas Instruments SM320VC33 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 53 page
background image
24
Cache
(64
× 32)
RAM
Block 0
(1K
× 32)
RAM
Block 1
(1K
× 32)
RDY
HOLD
HOLDA
STRB
R/W
D31--D0
A23--A0
RESET
CPU1
REG1
REG2
40
32
32
32
32
32
32
32
24
24
24
24
BK
ARAU0
ARAU1
DISP0, IR0, IR1
Extended-
Precision
Registers
(R7--R0)
Auxiliary
Registers
(AR0--AR7)
Other
Registers
(12)
40
40
40
40
Multiplier
32-Bit
Barrel
Shifter
ALU
DMA Controller
Global-Control
Register
Source-Address
Register
Destination-
Address
Register
Serial Port 0
Serial-Port-Control
Register
Receive/Transmit
(R/X) Timer Register
Data-Transmit
Register
Data-Receive
Register
FSX0
DX0
CLKX0
FSR0
DR0
CLKR0
Timer 0
Global-Control
Register
Timer-Period
Register
Timer-Counter
Register
TCLK0
Timer 1
Global-Control
Register
Timer-Period
Register
Timer-Counter
Register
TCLK1
Port Control
STRB-Control
Register
Transfer-
Counter
Register
PDATA Bus
PADDR Bus
DDATA Bus
DADDR1 Bus
DADDR2 Bus
DMADATA Bus
DMAADDR Bus
24
40
32
32
24
24
32
INT(3--0)
IACK
MCBL/ MP
XF(1,0)
32
24
24
24
24
32
32
32
CPU2
32
32
40
40
RAM
Block 2
(16K
× 32)
24
32
RAM
Block 3
(16K
× 32)
24
32
XOUT
XIN
H1
H3
PAGE0
PAGE1
PAGE2
PAGE3
Peripheral Data Bus
TDI
TDO
TCK
EMU0
EMU1
TMS
TRST
EDGEMODE
IR
PC
RSV(0,1)
SHZ
CLKMD(0,1)
EXTCLK
Boot
Loader
MUX
SM320VC33, SMJ320VC33
www.ti.com
SGUS034F – FEBRUARY 2001 – REVISED JUNE 2015
8 Detailed Description
8.1 Functional Block Diagram
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: SM320VC33 SMJ320VC33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com