Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM320VC33 Datasheet(PDF) 13 Page - Texas Instruments

Part # SM320VC33
Description  SMx320VC33 Digital Signal Processor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SM320VC33 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SM320VC33 Datasheet HTML 9Page - Texas Instruments SM320VC33 Datasheet HTML 10Page - Texas Instruments SM320VC33 Datasheet HTML 11Page - Texas Instruments SM320VC33 Datasheet HTML 12Page - Texas Instruments SM320VC33 Datasheet HTML 13Page - Texas Instruments SM320VC33 Datasheet HTML 14Page - Texas Instruments SM320VC33 Datasheet HTML 15Page - Texas Instruments SM320VC33 Datasheet HTML 16Page - Texas Instruments SM320VC33 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
SM320VC33, SMJ320VC33
www.ti.com
SGUS034F – FEBRUARY 2001 – REVISED JUNE 2015
6.14 Timing Requirements for HOLD/HOLDA
see Figure 17 and Figure 18
MIN
MAX
UNIT
tsu(HOLD-H1L)
Setup time, HOLD before H1 low
3
ns
tw(HOLD)
Pulse duration, HOLD low
3tc(H)
(1)
(1)
Not production tested.
6.15 Timing Requirements for Peripheral Pin General-Purpose I/O
see Figure 19 and Figure 20
(1)
MIN
MAX
UNIT
tsu(GPIO-H1L)
Setup time, general-purpose input before H1 low
3(2)
ns
th(H1L-GPIO)
Hold time, general-purpose input after H1 low
0(2)
(1)
Peripheral pins include CLKX0, CLKR0, DX0, DR0, FSX0, FSR0, and TCLK0/1. The modes of these pins are defined by the contents of
internal-control registers associated with each peripheral.
(2)
Not production tested
6.16 Timing Requirements for Timer Pin
see Figure 21 and Figure 22
(1)
MIN
MAX
UNIT
tsu(TCLK-H1L)
(2)
Setup time, TCLK external before H1 low
3(3)
ns
th(H1L-TCLK)
(2)
Hold time, TCLK external after H1 low
0
(1)
Valid logic-level periods and polarity are specified by the contents of the internal control registers.
(2)
These requirements are applicable for a synchronous input clock.
(3)
Not production tested
6.17 Timing Requirements for IEEE-1149.1 Test Access Port
see Figure 24
MIN
MAX
UNIT
tsu(TMS-TCKH)
Setup time, TMS/TDI to TCK high
5(1)
ns
th(TCKH-TMS)
Hold time, TMS/TDI from TCK high
5(1)
ns
td(TCKL-TDOV)
Delay time, TCK low to TDO valid
0(1)
10(1)
ns
tr (TCK)
Rise time, TCK
3(1)
ns
tf (TCK)
Fall time, TCK
3(1)
ns
(1)
Not production tested
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: SM320VC33 SMJ320VC33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com