Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM320VC33 Datasheet(PDF) 5 Page - Texas Instruments

Part # SM320VC33
Description  SMx320VC33 Digital Signal Processor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SM320VC33 Datasheet(HTML) 5 Page - Texas Instruments

  SM320VC33 Datasheet HTML 1Page - Texas Instruments SM320VC33 Datasheet HTML 2Page - Texas Instruments SM320VC33 Datasheet HTML 3Page - Texas Instruments SM320VC33 Datasheet HTML 4Page - Texas Instruments SM320VC33 Datasheet HTML 5Page - Texas Instruments SM320VC33 Datasheet HTML 6Page - Texas Instruments SM320VC33 Datasheet HTML 7Page - Texas Instruments SM320VC33 Datasheet HTML 8Page - Texas Instruments SM320VC33 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
SM320VC33, SMJ320VC33
www.ti.com
SGUS034F – FEBRUARY 2001 – REVISED JUNE 2015
Pin Functions
PIN
CONDITIONS WHEN
TYPE(1)
DESCRIPTION
SIGNAL IS Z TYPE(2)
NAME
QTY
PRIMARY-BUS INTERFACE
D31- D0
32
I/O/Z
32-bit data port
S
H
R
Data port bus keepers. (See Figure 30)
S
A23- A0
24
O/Z
24-bit address port
S
H
R
R/W
1
O/Z
Read/write. R/W is high when a read is performed and low when a write is
S
H
R
performed over the parallel interface.
STRB
1
O/Z
Strobe. For all external-accesses
S
H
PAGE0 to
1
O/Z
Page strobes. Four decoded page strobes for external access
S
H
R
PAGE3
RDY
1
I
Ready. RDY indicates that the external device is prepared for a transaction
completion.
HOLD
1
I
Hold. When HOLD is a logic low, any ongoing transaction is completed. A23 to
A0, D31 to D0, STRB, and R/W are placed in the high-impedance state and all
transactions over the primary-bus interface are held until HOLD becomes a logic
high or until the NOHOLD bit of the primary-bus-control register is set.
HOLDA
1
O/Z
Hold acknowledge. HOLDA is generated in response to a logic-low on HOLD.
S
HOLDA indicates that A23 to A0, D31 to D0, STRB, and R/W are in the high-
impedance state and that all transactions over the bus are held. HOLDA is high in
response to a logic-high of HOLD or the NOHOLD bit of the primary-bus-control
register is set.
CONTROL SIGNALS
RESET
1
I
Reset. When RESET is a logic low, the device is in the reset condition. When
RESET becomes a logic high, execution begins from the location specified by the
reset vector.
EDGEMO
1
I
Edge mode. Enables interrupt edge mode detection.
DE
INT3 to
4
I
External interrupts
INT0
IACK
1
O/Z
Internal acknowledge. IACK is generated by the IACK instruction. IACK can be
S
used to indicate when a section of code is being executed.
MCBL/MP
1
I
Microcomputer bootloader/microprocessor mode-select
SHZ
1
I
Shutdown high impedance. When active, SHZ places all pins in the high-
impedance state. SHZ can be used for board-level testing or to ensure that no
dual-drive conditions occur.
CAUTION: A low on SHZ corrupts the device memory and register contents.
Reset the device with SHZ high to restore it to a known operating condition.
XF1, XF0
2
I/O/Z
External flags. XF1 and XF0 are used as general-purpose I/Os or to support
S
R
interlocked processor instruction.
SERIAL PORT 0 SIGNALS
CLKR0
1
I/O/Z
Serial port 0 receive clock. CLKR0 is the serial shift clock for the serial port 0
S
R
receiver.
CLKX0
1
I/O/Z
Serial port 0 transmit clock. CLKX0 is the serial shift clock for the serial port 0
S
R
transmitter.
DR0
1
I/O/Z
Data-receive. Serial port 0 receives serial data on DR0.
S
R
DX0
1
I/O/Z
Data-transmit output. Serial port 0 transmits serial data on DX0.
S
R
FSR0
1
I/O/Z
Frame-synchronization pulse for receive. The FSR0 pulse initiates the data-
S
R
receive process using DR0.
FSX0
1
I/O/Z
Frame-synchronization pulse for transmit. The FSX0 pulse initiates the data-
S
R
transmit process using DX0.
TIMER SIGNALS
TCLK0
1
I/O/Z
Timer clock 0. As an input, TCLK0 is used by timer 0 to count external pulses. As
S
R
an output, TCLK0 outputs pulses generated by timer 0.
(1)
I = input, O = output, Z = high-impedance state
(2)
S = SHZ active, H = HOLD active, R = RESET active
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SM320VC33 SMJ320VC33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com