Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM320VC33 Datasheet(PDF) 36 Page - Texas Instruments

Part # SM320VC33
Description  SMx320VC33 Digital Signal Processor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SM320VC33 Datasheet(HTML) 36 Page - Texas Instruments

Back Button SM320VC33 Datasheet HTML 32Page - Texas Instruments SM320VC33 Datasheet HTML 33Page - Texas Instruments SM320VC33 Datasheet HTML 34Page - Texas Instruments SM320VC33 Datasheet HTML 35Page - Texas Instruments SM320VC33 Datasheet HTML 36Page - Texas Instruments SM320VC33 Datasheet HTML 37Page - Texas Instruments SM320VC33 Datasheet HTML 38Page - Texas Instruments SM320VC33 Datasheet HTML 39Page - Texas Instruments SM320VC33 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 53 page
background image
SM/SMJ320VC33
RpU
RESET
XF0
MCBL/MP
DVDD
RESET
SM320VC33, SMJ320VC33
SGUS034F – FEBRUARY 2001 – REVISED JUNE 2015
www.ti.com
When MCBL/MP = 1, the reset and interrupt vectors are hard-coded within the internal ROM. Because this is a
read-only device, these vectors cannot be modified. To enable user-defined interrupt routines, the internal
vectors contain fixed values that point to an internal section of SRAM beginning at 0x809FC1. Code execution
begins at these locations, so it is important to place branch instructions (to the interrupt routine) at these
locations and not vectors.
The bootloader program requires a small stack space for calls and returns. Two SRAM locations at 0x809800
and 0x809801 are used for this stack. Do not boot load data into these locations because it will corrupt the
bootloader program runtime stack. After the boot-load operation is complete, a program can reclaim these
locations. The simplest solution is to begin a program stack or uninitialized data section at 0x809800.
For additional details on bootloader operation including the bootloader source code, see the TMS320C3x User’s
Guide (SPRU031).
A bit I/O line or external logic can be used to safely disable the MCBL mode after bootloading is complete.
However, to ensure proper operation, the CPU should not be currently executing code or using external data as
the change takes place. In the following example, the XF0 pin is tri-state on reset, which allows the pullup
resistor to place the DSP in MCBL mode. The following code, placed at the beginning of an application then
causes the XF0 pin to become an active-logic-low output, changing the DSP mode to MP. The cache-enable and
RPTS instructions are used because they cause the LDI instruction to be executed multiple times even though it
has been fetched only once (before the mode change). In other words, the RPTS instruction acts as a one-level-
deep program cache for externally executed code. If the application code is to be executed from internal RAM,
no special provisions are needed.
LDI
8000h,ST ; Enable the cache
RPTS
4
; RPTS will fetch the following opcode 1 time
LDI
2h, IOF
; Drive MCBL/MP=0 for several cycles allowing
; the pipeline to clear
Figure 31. Changing Bootload Select Pin
8.2.13 JTAG Emulation
Though the 320VC33 contains a JTAG debug port which allows multiple JTAG enabled chips to be daisy-
chained, boundary scan of the pins is not supported. If the pin scan path is selected, it will be routed through a
null register with a length of one. For additional information concerning the emulation interface, see JTAG/MPSD
Emulation Technical Reference (SPDU079).
8.2.14 Designing a Target System Emulator Connector (14-Pin Header)
JTAG target devices support emulation through a dedicated emulation port. This port is a superset of the test
access port standard and is accessed by the emulator. To communicate with the emulator, the target system
must have a 14-pin header (two rows of seven pins) with the connections that are shown in Figure 32. Table 7
describes the emulation signals.
36
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: SM320VC33 SMJ320VC33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com