Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM320VC33 Datasheet(PDF) 6 Page - Texas Instruments

Part # SM320VC33
Description  SMx320VC33 Digital Signal Processor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SM320VC33 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SM320VC33 Datasheet HTML 2Page - Texas Instruments SM320VC33 Datasheet HTML 3Page - Texas Instruments SM320VC33 Datasheet HTML 4Page - Texas Instruments SM320VC33 Datasheet HTML 5Page - Texas Instruments SM320VC33 Datasheet HTML 6Page - Texas Instruments SM320VC33 Datasheet HTML 7Page - Texas Instruments SM320VC33 Datasheet HTML 8Page - Texas Instruments SM320VC33 Datasheet HTML 9Page - Texas Instruments SM320VC33 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
SM320VC33, SMJ320VC33
SGUS034F – FEBRUARY 2001 – REVISED JUNE 2015
www.ti.com
Pin Functions (continued)
PIN
CONDITIONS WHEN
TYPE(1)
DESCRIPTION
SIGNAL IS Z TYPE(2)
NAME
QTY
TCLK1
1
I/O/Z
Timer clock 1. As an input, TCLK1 is used by timer 1 to count external pulses. As
S
R
an output, TCLK1 outputs pulses generated by timer 1.
SUPPLY AND OSCILLATOR SIGNALS
H1
1
O/Z
External H1 clock
S
H3
1
O/Z
External H3 clock
S
CVDD
8
I
+VDD. Dedicated 1.8-V power supply for the core CPU. All must be connected to
a common supply plane.(3)
DVDD
16
I
+VDD. Dedicated 3.3-V power supply for the I/O pins. All must be connected to a
common supply plane.(3)
VSS
18
I
Ground. All grounds must be connected to a common ground plane.
PLLVDD
1
I
Internally isolated PLL supply. Connect to CVDD (1.8 V)
PLLVSS
1
I
Internally isolated PLL ground. Connect to VSS
EXTCLK
1
I
External clock. Logic level compatible clock input. If the XIN/XOUT oscillator is
used, tie this pin to ground.
XOUT
1
O
Clock out. Output from the internal-crystal oscillator. If a crystal is not used, leave
XOUT unconnected.
XIN
1
I
Clock in. Internal-oscillator input from a crystal. If EXTCLK is used, tie this pin to
ground.
CLKMD0,
2
I
Clock mode select pins
CLKMD1
RSV0 to
2
I
Reserved. Use individual pullups to DVDD.
RSV1
JTAG EMULATION
EMU1 to
2
I/O
Emulation pins 0 and 1, use individual pullups to DVDD
EMU0
TDI
1
I
Test data input
TDO
1
O
Test data output
TCK
1
I
Test clock
TMS
1
I
Test mode select
TRST
1
I
Test reset
(3)
Recommended decoupling. Four 0.1
μF for CVDD and eight 0.1 μF for DVDD.
6
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: SM320VC33 SMJ320VC33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com