Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM320VC33 Datasheet(PDF) 4 Page - Texas Instruments

Part # SM320VC33
Description  SMx320VC33 Digital Signal Processor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SM320VC33 Datasheet(HTML) 4 Page - Texas Instruments

  SM320VC33 Datasheet HTML 1Page - Texas Instruments SM320VC33 Datasheet HTML 2Page - Texas Instruments SM320VC33 Datasheet HTML 3Page - Texas Instruments SM320VC33 Datasheet HTML 4Page - Texas Instruments SM320VC33 Datasheet HTML 5Page - Texas Instruments SM320VC33 Datasheet HTML 6Page - Texas Instruments SM320VC33 Datasheet HTML 7Page - Texas Instruments SM320VC33 Datasheet HTML 8Page - Texas Instruments SM320VC33 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
SM320VC33, SMJ320VC33
SGUS034F – FEBRUARY 2001 – REVISED JUNE 2015
www.ti.com
GNM Pin Assignments(1)
SIGNAL NAME
PIN NUMBER
SIGNAL NAME
PIN NUMBER
SIGNAL NAME
PIN NUMBER
SIGNAL NAME
PIN NUMBER
A0
J2
D0
G12
DVDD
M1
R/W
L4
A1
K2
D1
G10
N1
RDY
M5
A2
K1
D2
F13
N4
RESET
B7
A3
J4
D3
G11
N7
RSV0
B4
A4
H4
D4
H10
M8
RSV1
D5
A5
H3
D5
H13
N12
SHZ
D7
A6
H1
D6
H12
L13
STRB
M4
A7
G4
D7
J10
H11
TCK
F10
A8
G1
D8
J11
F11
TCLK0
C10
A9
G2
D9
J12
B12
TCLK1
A11
A10
F3
D10
K13
A10
TDI
E11
A11
F4
D11
K12
A6
TDO
D13
A12
F2
D12
K10
A1
TMS
E10
A13
E1
D13
M13
DX0
A12
TRST
C13
A14
E2
D14
L11
EDGEMODE
A7
VSS
B1
A15
E4
D15
L12
EMU0
F12
D1
A16
C1
D16
M12
EMU1
E12
G3
A17
C2
D17
L10
EXTCLK
C6
J1
A18
D3
D18
K9
FSR0
C12
L2
A19
C3
D19
N11
FSX
D10
M3
A20
B2
D20
M11
H1
L3
M6
A21
D4
D21
M10
H3
N2
L7
A22
A2
D22
K8
HOLD
N5
N10
A23
B3
D23
N9
HOLDA
K5
N13
CLKMD0
C5
D24
M9
IACK
K4
K11
CLKMD1
B5
D25
L8
INT0
C8
G13
CLKR0
B13
D26
N8
INT1
B9
E13
CLKX0
B11
D27
M7
INT2
D8
A13
CVDD
E3
D28
K7
INT3
A9
C11
J3
D29
L6
MCBL/MP
B8
C9
L5
D30
N6
PAGE0
M2
C7
L9
D31
K6
PAGE1
N3
C4
J13
DR0
D11
PAGE2
L1
XF0
B10
D12
DVDD
D2
PAGE3
K3
XF1
D9
A8
F1
PLLVDD
(2)
A5
XIN
B6
A3
H2
PLLVSS
(2)
A4
XOUT
D6
(1)
DVDD is the power supply for the I/O pins while CVDD is the power supply for the core CPU. VSS is the ground for both the I/O pins and
the core CPU.
(2)
PLLVDD and PLLVSS are isolated PLL supply pins that should be externally connected to CVDD and VSS, respectively.
4
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: SM320VC33 SMJ320VC33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com