Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM320VC33 Datasheet(PDF) 1 Page - Texas Instruments

Part # SM320VC33
Description  SMx320VC33 Digital Signal Processor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SM320VC33 Datasheet(HTML) 1 Page - Texas Instruments

  SM320VC33 Datasheet HTML 1Page - Texas Instruments SM320VC33 Datasheet HTML 2Page - Texas Instruments SM320VC33 Datasheet HTML 3Page - Texas Instruments SM320VC33 Datasheet HTML 4Page - Texas Instruments SM320VC33 Datasheet HTML 5Page - Texas Instruments SM320VC33 Datasheet HTML 6Page - Texas Instruments SM320VC33 Datasheet HTML 7Page - Texas Instruments SM320VC33 Datasheet HTML 8Page - Texas Instruments SM320VC33 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SM320VC33, SMJ320VC33
SGUS034F – FEBRUARY 2001 – REVISED JUNE 2015
SMx320VC33 Digital Signal Processor
1 Features
•
Conditional Calls and Returns
•
Interlocked Instructions for Multiprocessing
1
•
High-Performance Floating-Point Digital Signal
Support
Processor (DSP)
•
Bus-Control Registers Configure Strobe-Control
–
SMx320VC33-150
Wait-State Generation
–
13-ns Instruction Cycle Time
•
1.8-V (Core) and 3.3-V (I/O) Supply Voltages
–
150 Million Floating-Point Operations per
Second (MFLOPS)
2 Description
–
75 Million Instructions per Second (MIPS)
The SMx320VC33 DSP is a 32-bit, floating-point
•
34K × 32-Bit (1.1-Mbit) On-Chip Words of Dual-
processor manufactured in 0.18-
μm four-level-metal
Access Static Random-Access Memory (SRAM)
CMOS (TImeline) technology. The SMx320VC33 is
Configured in 2 × 16K plus 2 × 1K Blocks to
part of the SM320C3x™ generation of DSPs from
Texas Instruments.
Improve Internal Performance
•
x5 Phase-Locked Loop (PLL) Clock Generator
The SM320C3x internal busing and special digital-
signal-processing instruction set have the speed and
•
Very-Low Power: <200 mW at 150 MFLOPS
flexibility to execute up to 150 MFLOPS. The
•
32-Bit High-Performance CPU
SMx320VC33
optimizes
speed
by
implementing
•
16-/32-Bit Integer and 32-/40-Bit Floating-Point
functions
in
hardware
that
other
processors
Operations
implement through software or microcode. This
hardware-intensive approach provides performance
•
Four Internally Decoded Page Strobes to Simplify
previously unavailable on a single chip.
Interface to I/O and Memory Devices
•
Boot-Program Loader
The SMx320VC33 can perform parallel multiply and
ALU operations on integer or floating-point data in a
•
EDGEMODE Selectable External Interrupts
single cycle. Each processor also possesses a
•
32-Bit Instruction Word, 24-Bit Addresses
general-purpose register file, a program cache,
•
Eight Extended-Precision Registers
dedicated ARAUs, internal dual-access memories,
one DMA channel supporting concurrent I/O, and a
•
Fabricated Using the 0.18-
μm (leff – Effective Gate
short machine-cycle time. These features result in
Length) TImeline™ Technology by Texas
high performance and ease of use. General-purpose
Instruments
applications are greatly enhanced by the large
•
On-Chip Scan-Based Emulation Logic, IEEE Std
address space, multiprocessor interface, internally
1149.1 (JTAG)
and externally generated wait states, one external
•
On-Chip Memory-Mapped Peripherals:
interface port, two timers, one serial port, and
multiple-interrupt structure.
–
One Serial Port
–
Two 32-Bit Timers
The SM320C3x supports a wide variety of system
applications
from
host
processor
to
dedicated
–
Direct Memory Access (DMA) Coprocessor for
coprocessor. High-level-language support is easily
Concurrent I/O and CPU Operation
implemented through a register-based architecture,
•
164-Pin Low-Profile Quad Flatpack (HFG Suffix)
large address space, powerful addressing modes,
•
144-Pin Non-Hermetic Ceramic Ball Grid Array
flexible instruction set, and well-supported floating-
point arithmetic.
(CBGA) (GNM Suffix)
•
Two Address Generators With Eight Auxiliary
Device Information(1)
Registers and Two Auxiliary Register Arithmetic
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Units (ARAUs)
SM320VC33
CFP (164)
12.00 mm × 12.00 mm
•
Two Low-Power Modes
SMJ320VC33
CFP (164)
29.09 mm × 29.09 mm
•
Two- and Three-Operand Instructions
(1) For all available packages, see the orderable addendum at
•
Parallel Arithmetic/Logic Unit (ALU) and Multiplier
the end of the data sheet.
Execution in a Single Cycle
•
Block-Repeat Capability
•
Zero-Overhead Loops With Single-Cycle
Branches
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SM320VC33

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM320VC33 TI-SM320VC33 Datasheet
614Kb / 54P
DIGITAL SIGNAL PROCESSOR
SM320VC33-EP TI1-SM320VC33-EP Datasheet
997Kb / 62P
DIGITAL SIGNAL PROCESSOR
SM320VC33-EP TI2-SM320VC33-EP Datasheet
917Kb / 59P
DIGITAL SIGNAL PROCESSOR
REVISED JANUARY 2004
SM320VC33-EP TI2-SM320VC33-EP Datasheet
1Mb / 61P
DIGITAL SIGNAL PROCESSOR
REVISED JANUARY 2003
SM320VC33-EP TI2-SM320VC33-EP Datasheet
923Kb / 59P
DIGITAL SIGNAL PROCESSOR
REVISED JANUARY 2004
More results

Similar Description - SM320VC33

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com