Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM320VC33 Datasheet(PDF) 39 Page - Texas Instruments

Part # SM320VC33
Description  SMx320VC33 Digital Signal Processor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SM320VC33 Datasheet(HTML) 39 Page - Texas Instruments

Back Button SM320VC33 Datasheet HTML 35Page - Texas Instruments SM320VC33 Datasheet HTML 36Page - Texas Instruments SM320VC33 Datasheet HTML 37Page - Texas Instruments SM320VC33 Datasheet HTML 38Page - Texas Instruments SM320VC33 Datasheet HTML 39Page - Texas Instruments SM320VC33 Datasheet HTML 40Page - Texas Instruments SM320VC33 Datasheet HTML 41Page - Texas Instruments SM320VC33 Datasheet HTML 42Page - Texas Instruments SM320VC33 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
FSX(EXT)
FSX(INT)
FSR
DR
DX
CLKX/R
H1
Bit 0
Bit n-1
Bit n-2
Bit n-1
Bit n-2
td(H1H-SCK)
td(H1H-SCK)
t c(SCK)
tw(SCK)
tw(SCK)
tr(SCK)
t f(SCK)
t d(CLKX--DX)
t su(DR--CLKRL)
t h(CLKRL--DR)
td(CLKX--FSX)
t su(FSR--CLKRL)
td(CLKX--FSX)
t h(SCKL--FS)
t h(SCKL--FS)
tsu(FSX--CLKX)
t
d(CLKX--DX)V
t dis(CLKX--DXZ)
SM320VC33, SMJ320VC33
www.ti.com
SGUS034F – FEBRUARY 2001 – REVISED JUNE 2015
further restricted in pulse width as defined by tw(INT) in Timing Requirements for INT3 to INT0 Response.
When EDGEMODE = 1, the falling edge of the INT0 to INT3 pins are detected using synchronous logic (see
Figure 28). The pulse low and high time should be two CPU clocks or greater.
The TMS320C3x can set the interrupt flag from the same source as quickly as two H1 clock cycles after it has
been cleared.
If the specified timings are met, the exact sequence shown in Figure 15 occurs; otherwise, an additional delay of
one clock cycle is possible.
8.2.18 Interrupt-Acknowledge Timing
The IACK output goes active on the first half-cycle (HI rising) of the decode phase of the IACK instruction and
goes inactive at the first half-cycle (HI rising) of the read phase of the IACK instruction.
Switching Characteristics for IACK defines the timing parameters for the IACK signal.
NOTE
The IACK instruction can be executed at anytime to signal an event. It is most often used
within an interrupt routine to signal which interrupt has occurred. The IACK instruction
must be executed to generate the IACK pulse.
8.2.19 Data-Rate Timing Modes
Unless otherwise indicated, the data-rate timings shown in Figure 34 and Figure 35 are valid for all serial-port
modes, including handshake. For a functional description of serial-port operation, see the TMS320C3x User’s
Guide (SPRU031).
The serial-port timing parameters are defined in Timing Requirements for Serial Port.
Timing diagrams show operations with CLKXP = CLKRP = FSXP = FSRP = 0.
Timing diagrams depend on the length of the serial-port word, where n = 8, 16, 24, or 32 bits, respectively.
Figure 34. Fixed Data-Rate Mode Timing
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: SM320VC33 SMJ320VC33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com