Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM320VC33 Datasheet(PDF) 7 Page - Texas Instruments

Part # SM320VC33
Description  SMx320VC33 Digital Signal Processor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SM320VC33 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SM320VC33 Datasheet HTML 3Page - Texas Instruments SM320VC33 Datasheet HTML 4Page - Texas Instruments SM320VC33 Datasheet HTML 5Page - Texas Instruments SM320VC33 Datasheet HTML 6Page - Texas Instruments SM320VC33 Datasheet HTML 7Page - Texas Instruments SM320VC33 Datasheet HTML 8Page - Texas Instruments SM320VC33 Datasheet HTML 9Page - Texas Instruments SM320VC33 Datasheet HTML 10Page - Texas Instruments SM320VC33 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
SM320VC33, SMJ320VC33
www.ti.com
SGUS034F – FEBRUARY 2001 – REVISED JUNE 2015
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
CVDD
–0.3
2.4
Supply voltage (2)
DVDD
–0.3
4
V
VI
Input voltage(3)
–1
4.6
VO
Output voltage
–0.3
4.6
Continuous power dissipation (worst case)(4)
500
mW
TC
Operating case temperature
–55
125
°C
Tstg
Storage temperature
–55
150
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to VSS.
(3)
Absolute dc input level should not exceed the DVDD or VSS supply rails by more than 0.3 V. An instantaneous low current pulse of <2 ns,
<10 mA, and <1 V amplitude is permissible.
(4)
Actual operating power is much lower. This value was obtained under specially produced worst-case test conditions for the
SMx320VC33, which are not sustained during normal device operation. These conditions consist of continuous parallel writes of a
checkerboard pattern to the external data and address buses at the maximum possible rate with a capacitive load of 30 pF. See normal
(ICC) current specification in Electrical Characteristics and also read TMS320C3x General-Purpose Applications (SPRU194).
6.2 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1) (2) (3)
MIN
NOM
MAX
UNIT
CVDD
Supply voltage for the core CPU(4)
1.71
1.8
1.89
V
DVDD
Supply voltage for the I/O pins(5)
3.14
3.3
3.46
V
VSS
Supply ground
0
V
VIH
High-level input voltage
0.7 x DVDD
DVDD + 0.3
(6)
V
VIL
Low-level input voltage
–0.3(6)
0.3 x DVDD
V
IOH
High-level output current
4
mA
IOL
Low-level output current
4
mA
CL
Capacitive load per output pin
30
pF
TC
Operating case temperature
–55
125
°C
(1)
All voltage values are with respect to VSS.
(2)
All inputs and I/O pins are configured as inputs.
(3)
All input and I/O pins use a Schmidt hysteresis inputs except SHZ and D0 to D31. Hysteresis is approximately 10% of DVDD and is
centered at 0.5 × DVDD.
(4)
CVDD should not exceed DVDD by more than 0.7 V. (Use a Schottky clamp diode between these supplies.)
(5)
DVDD should not exceed CVDD by more than 2.5 V.
(6)
Absolute dc input level should not exceed the DVDD or VSS supply rails by more than 0.3 V. An instantaneous low current pulse of <2 ns,
<10 mA, and <1 V amplitude is permissible.
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SM320VC33 SMJ320VC33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com