Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM320VC33 Datasheet(PDF) 47 Page - Texas Instruments

Part # SM320VC33
Description  SMx320VC33 Digital Signal Processor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SM320VC33 Datasheet(HTML) 47 Page - Texas Instruments

Back Button SM320VC33 Datasheet HTML 43Page - Texas Instruments SM320VC33 Datasheet HTML 44Page - Texas Instruments SM320VC33 Datasheet HTML 45Page - Texas Instruments SM320VC33 Datasheet HTML 46Page - Texas Instruments SM320VC33 Datasheet HTML 47Page - Texas Instruments SM320VC33 Datasheet HTML 48Page - Texas Instruments SM320VC33 Datasheet HTML 49Page - Texas Instruments SM320VC33 Datasheet HTML 50Page - Texas Instruments SM320VC33 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 53 page
background image
PREFIX
SMJ
320
VC 33 GNM
SMX = experimental device
TMP = prototype device
TMS = qualified device
SMJ = MIL-PRF-38535 (QML)
SMQ= QML Plastic device
SM = Commericial processing
DEVICE FAMILY
320 = TMS320 Family
TECHNOLOGY
TEMPERATURE RANGE
M = Military
C = CMOS
E = CMOS EPROM
F = CMOS Flash EEPROM
LC = Low-Voltage CMOS (3.3 V)
VC = Low-Voltage CMOS [3 V (2.5 V
or 1.8 V core)]
UC= Ultra Low-Voltage CMOS [1.8 V
(1.5 V core)]
DEVICE
3x DSP:
30
31
32
33
4x DSP:
40
44
6x DSP:
6201 6201
6701 6211
PACKAGE TYPE
(A)
HFG = 164-pin ceramic quad flat package (QFP)
GNL = 144-pin ceramic ball grid array (BGA) hermetic
GNM = 144-pin ceramic BGA, non-hermetic
M
SPEED
150 = 150 MFLOPS
150
SM320VC33, SMJ320VC33
www.ti.com
SGUS034F – FEBRUARY 2001 – REVISED JUNE 2015
A.
QFP = Quad flat package
LQFP = Low-profile quad flat package
BGA = Ball grid array
Figure 39. TMS320 DSP Device Nomenclature
10.3 Related Links
The table below lists quick access links. Categories include technical documents, support and community
resources, tools and software, and quick access to sample or buy.
Table 10. Related Links
TECHNICAL
TOOLS &
SUPPORT &
PARTS
PRODUCT FOLDER
SAMPLE & BUY
DOCUMENTS
SOFTWARE
COMMUNITY
SM320VC33
Click here
Click here
Click here
Click here
Click here
SMJ320VC33
Click here
Click here
Click here
Click here
Click here
10.4 Community Resources
The following links connect to TI community resources. Linked contents are provided "AS IS" by the respective
contributors. They do not constitute TI specifications and do not necessarily reflect TI's views; see TI's Terms of
Use.
TI E2E™ Online Community TI's Engineer-to-Engineer (E2E) Community. Created to foster collaboration
among engineers. At e2e.ti.com, you can ask questions, share knowledge, explore ideas and help
solve problems with fellow engineers.
Design Support TI's Design Support Quickly find helpful E2E forums along with design support tools and
contact information for technical support.
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
47
Product Folder Links: SM320VC33 SMJ320VC33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com