Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM320VC33 Datasheet(PDF) 35 Page - Texas Instruments

Part # SM320VC33
Description  SMx320VC33 Digital Signal Processor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SM320VC33 Datasheet(HTML) 35 Page - Texas Instruments

Back Button SM320VC33 Datasheet HTML 31Page - Texas Instruments SM320VC33 Datasheet HTML 32Page - Texas Instruments SM320VC33 Datasheet HTML 33Page - Texas Instruments SM320VC33 Datasheet HTML 34Page - Texas Instruments SM320VC33 Datasheet HTML 35Page - Texas Instruments SM320VC33 Datasheet HTML 36Page - Texas Instruments SM320VC33 Datasheet HTML 37Page - Texas Instruments SM320VC33 Datasheet HTML 38Page - Texas Instruments SM320VC33 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 53 page
background image
30 Ω
15 kΩ
SHZ
Bus Keeper
Internal
Data Bus
R/ W
External Data
Bus Pin
SM320VC33, SMJ320VC33
www.ti.com
SGUS034F – FEBRUARY 2001 – REVISED JUNE 2015
Table 5. MUX Select (Bus Control Register Bits 4 and 3)
BIT 4
BIT 3
RESULTS
0
0
Ignore internal wait counter and use only external READY
0
1
Use only internal wait counter and ignore ready pin
1
0
Logical AND internal wait counter with ready pin
1
1
Logical OR internal wait counter with ready pin (reset default)
8.2.10 Posted Writes
External writes are effectively “posted” to the bus, which then acts like an output latch until the write completes.
Therefore, if the application code is executing internally, it can perform a very-slow external write with no penalty
because the bus acts like it has a one-level-deep write FIFO.
8.2.11 Data Bus I/O Buffer
The circuit shown in Figure 30 is incorporated into each data pin to lightly “hold” the last driven value on the data
bus pins when the DSP or an external device is not actively driving the bus. Each bus keeper is built from a
three-state driver with nominal 15-k
Ω output resistance which is fed back to the input in a positive feedback
configuration. The resistance-isolated driver then pulls the output in one direction or the other keeping the last
driven value. This circuit is enabled in all functional modes and is only disabled when SHZ is pulled low.
Figure 30. Bus Keeper Circuit
For an external device to change the state of these pins, it must be able to drive a small dc current until the
driver threshold is crossed. At the crossover point, the driver changes state, agreeing with the external driver and
assisting the change. The voltage threshold of the bus keeper is approximately at 50% of the DVDD supply
voltage. The typical output impedance of 30
Ω for all SMx320VC33 I/O pins is easily capable of meeting this
requirement.
8.2.12 Bootloader Operation
When MCBL/MP = 1, an internal ROM is decoded into the address range of 0x000000 to 0x000FFF. Therefore,
when reset occurs, execution begins within the internal ROM program and vector space. No external activity is
evident until one of the boot options is enabled. These options are enabled by pulling an external interrupt pin
low, which the boot-load software then detects, causing a particular routine to be executed (see Table 6).
Table 6. INT0 to INT3 Sources
ADDRESS/SOURCE WHERE BOOT
ACTIVE INTERRUPT
DATA FORMAT
DATA IS READ FROM
INT0
0x001000
8-, 16-, or 32-bit width
INT1
0x400000
8-, 16-, or 32-bit width
INT2
0xFFF000
8-, 16-, or 32-bit width
INT3
Serial port
32-bit, external clock, and frame synch
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: SM320VC33 SMJ320VC33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com