Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM320VC33 Datasheet(PDF) 33 Page - Texas Instruments

Part # SM320VC33
Description  SMx320VC33 Digital Signal Processor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SM320VC33 Datasheet(HTML) 33 Page - Texas Instruments

Back Button SM320VC33 Datasheet HTML 29Page - Texas Instruments SM320VC33 Datasheet HTML 30Page - Texas Instruments SM320VC33 Datasheet HTML 31Page - Texas Instruments SM320VC33 Datasheet HTML 32Page - Texas Instruments SM320VC33 Datasheet HTML 33Page - Texas Instruments SM320VC33 Datasheet HTML 34Page - Texas Instruments SM320VC33 Datasheet HTML 35Page - Texas Instruments SM320VC33 Datasheet HTML 36Page - Texas Instruments SM320VC33 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 53 page
background image
CPU Set
IF Bit
RESET
EDGEMODE
CPU Reset
INTn
H1
Delay
D Q
Q
R
S
H3
D Q
D Q
D Q
D Q
SM320VC33, SMJ320VC33
www.ti.com
SGUS034F – FEBRUARY 2001 – REVISED JUNE 2015
The switch over is synchronous and does not create a clock glitch, so the only effect is that the CPU runs slow
for up to the first 128 cycles after reset goes high. After the PLL has stabilized, the counter remains cleared and
subsequent resets do not exhibit this condition.
Systems that are not using the crystal oscillator may be required to supply a current of 250 mA per DSP if full
power is applied with no clock source. This extra current condition is a result of uninitialized internal logic within
the DSP core and is corrected when the CPU sees a minimum of four internal clocks. The crystal oscillator is
typically immune to this condition since the oscilator and core circuitry become semi-functional at CVDD = 1 V
where the fault current is considerably lower. An alternate clock pulse can also be applied to either the EXTCLK
or XIN clock input pins.
8.2.6 EDGEMODE
When EDGEMODE = 1, a sampled digital delay line is decoded to generate a pulse on the falling edge of the
interrupt pin. To ensure interrupt recognition, input signal logic-high and logic-low states must be held longer than
the synchronizer delay of one CPU clock cycle. Holding these inputs to no less than two cycles in both the logic-
low and logic-high states is sufficient.
When EDGEMODE = 0, a logic-low interrupt pin continually sets the corresponding interrupt flag. The CPU or
DMA can clear this flag within two cycles of it being set. This is the maximum interrupt width that can be applied
if only one interrupt is to be recognized. The CPU can manually clear IF bits within an interrupt service routine
(ISR), effectively lengthening the maximum ISR width.
After reset, EDGEMODE is temporarily disabled, allowing logic-low INT pins to be detected for bootload
operation.
Figure 28. EDGEMODE and Interrupt Flag Circuit
8.2.7 Reset Operation
When RESET is applied, the CPU attempts to safely exit any pending read or write operations that may be in
progress. This can take as much as 10 CPU cycles, after which, the address, data, and control pins are in an
inactive or high-impedance state.
When both RESET and SHZ are applied, the device immediately enters the reset state with the pins held in high-
impedance mode. SHZ should then be disabled at least 10 CPU cycles before RESET is set high. SHZ can be
used during power-up sequencing to prevent undefined address, data, and control pins, avoiding system
conflicts.
8.2.8 PAGE0 to PAGE3 Select Lines
To facilitate simpler and higher-speed connection to external devices, the SMx320VC33 includes four
predecoded select pins that have the same timings as STRB.These pins are decoded from A22, A23, and STRB
and are active only during external accesses over the ranges shown in Table 4. A single bus control register
controls all external bus accesses.
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: SM320VC33 SMJ320VC33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com