Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM320VC33 Datasheet(PDF) 44 Page - Texas Instruments

Part # SM320VC33
Description  SMx320VC33 Digital Signal Processor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SM320VC33 Datasheet(HTML) 44 Page - Texas Instruments

Back Button SM320VC33 Datasheet HTML 40Page - Texas Instruments SM320VC33 Datasheet HTML 41Page - Texas Instruments SM320VC33 Datasheet HTML 42Page - Texas Instruments SM320VC33 Datasheet HTML 43Page - Texas Instruments SM320VC33 Datasheet HTML 44Page - Texas Instruments SM320VC33 Datasheet HTML 45Page - Texas Instruments SM320VC33 Datasheet HTML 46Page - Texas Instruments SM320VC33 Datasheet HTML 47Page - Texas Instruments SM320VC33 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 53 page
background image
SM320VC33, SMJ320VC33
SGUS034F – FEBRUARY 2001 – REVISED JUNE 2015
www.ti.com
9 Power Supply Recommendations
9.1 Power Sequencing Considerations
Though an internal ESD and CMOS latchup protection diode exists between CVDD and DVDD, it should not be
considered a current-carrying device on power up. Use an external Schottky diode to prevent CVDD from
exceeding DVDD by more than 0.7 V. The effect of this diode during power up is that if CVDD is powered up first,
DVDD follows by one diode drop even when the DVDD supply is not active.
Typical systems using LDOs of the same family type for both DVDD and CVDD track each other during power up.
In most cases, this is acceptable; but if a high-impedance pin state is required on power up, the SHZ pin can be
used to asynchronously disable all outputs. RESET should not be used in this case because some signals
require an active clock for RESET to have an effect and the clock may not yet be active. The internal core logic
becomes functional at approximately 0.8 V while the external pin IO becomes active at about 1.5 V.
44
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: SM320VC33 SMJ320VC33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com