Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM320VC33 Datasheet(PDF) 49 Page - Texas Instruments

Part # SM320VC33
Description  SMx320VC33 Digital Signal Processor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SM320VC33 Datasheet(HTML) 49 Page - Texas Instruments

Back Button SM320VC33 Datasheet HTML 45Page - Texas Instruments SM320VC33 Datasheet HTML 46Page - Texas Instruments SM320VC33 Datasheet HTML 47Page - Texas Instruments SM320VC33 Datasheet HTML 48Page - Texas Instruments SM320VC33 Datasheet HTML 49Page - Texas Instruments SM320VC33 Datasheet HTML 50Page - Texas Instruments SM320VC33 Datasheet HTML 51Page - Texas Instruments SM320VC33 Datasheet HTML 52Page - Texas Instruments SM320VC33 Datasheet HTML 53Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 49 / 53 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
29-May-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
5962-0053901QYA
Active
Production
CFP (HFG) | 164
10 | JEDEC
TRAY (5+1)
No
Call TI
N/A for Pkg Type
-55 to 125
5962-0053901QY
A
SMJ320VC33HFGM
150
5962-0053901QYC
Active
Production
CFP (HFG) | 164
4 | JEDEC TRAY (5+1)
Yes
Call TI
N/A for Pkg Type
-55 to 125
5962-0053901QY
C
5962-0053901QYC.A
Active
Production
CFP (HFG) | 164
4 | JEDEC TRAY (5+1)
Yes
Call TI
N/A for Pkg Type
-55 to 125
5962-0053901QY
C
SMJ320VC33HFGM150
Active
Production
CFP (HFG) | 164
10 | JEDEC
TRAY (5+1)
No
Call TI
N/A for Pkg Type
-55 to 125
5962-0053901QY
A
SMJ320VC33HFGM
150
SMJ320VC33HFGM150.A
Active
Production
CFP (HFG) | 164
10 | JEDEC
TRAY (5+1)
No
Call TI
N/A for Pkg Type
-55 to 125
5962-0053901QY
A
SMJ320VC33HFGM
150
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
(4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum
column width.
(5) MSL rating/Peak reflow: The moisture sensitivity level ratings and peak solder (reflow) temperatures. In the event that a part has multiple moisture sensitivity ratings, only the lowest level per JEDEC standards is shown.
Refer to the shipping label for the actual reflow temperature that will be used to mount the part to the printed circuit board.
(6) Part marking: There may be an additional marking, which relates to the logo, the lot trace code information, or the environmental category of the part.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com