Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM320VC33 Datasheet(PDF) 3 Page - Texas Instruments

Part # SM320VC33
Description  SMx320VC33 Digital Signal Processor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SM320VC33 Datasheet(HTML) 3 Page - Texas Instruments

  SM320VC33 Datasheet HTML 1Page - Texas Instruments SM320VC33 Datasheet HTML 2Page - Texas Instruments SM320VC33 Datasheet HTML 3Page - Texas Instruments SM320VC33 Datasheet HTML 4Page - Texas Instruments SM320VC33 Datasheet HTML 5Page - Texas Instruments SM320VC33 Datasheet HTML 6Page - Texas Instruments SM320VC33 Datasheet HTML 7Page - Texas Instruments SM320VC33 Datasheet HTML 8Page - Texas Instruments SM320VC33 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 53 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
123
122
121
120
119
118
117
116
115
114
113
112
111
110
109
108
107
106
105
104
103
102
101
100
99
98
97
96
95
30
94
32
33
34
35
36
37
38
39
93
92
91
90
89
88
87
86
85
40
84
31
NC -- No internal connection
41
83
NC
NC
NC
A20
VSS
A19
A18
A17
DVDD
A16
A15
VSS
A14
A13
CVDD
A12
A11
DVDD
A10
A9
VSS
A8
A7
A6
A5
DVDD
A4
VSS
A3
A2
CVDD
A1
A0
DVDD
PAGE3
PAGE2
VSS
PAGE1
PAGE0
NC
NC
NC
NC
NC
DVDD
CLKR
FSR0
VSS
DR0
TRST
TMS
CVDD
TDI
TDO
TCK
VSS
EMU0
EMU1
DVDD
D0
D1
D2
D3
VSS
D4
D5
DVDD
D6
D7
CVDD
D8
D9
VSS
D10
D11
DVDD
D12
D13
D14
D15
NC
NC
SM320VC33, SMJ320VC33
www.ti.com
SGUS034F – FEBRUARY 2001 – REVISED JUNE 2015
4 Description (continued)
The SM/SMJ320VC33 is a superset of the TMS320C31. Designers now have an additional 1Mb of on-chip
SRAM, a maximum throughput of 150 MFLOPS, and several I/O enhancements that allow easy upgrades to
current systems or creation of new baselines. This data sheet provides information required to fully use the new
features of the SM/SMJ320VC33 device. For general TMS320C3x architecture and programming information,
see the TMS320C3x User’s Guide (SPRU031).
The SMx320VC33 device is packaged in 164-pin low-profile quad flatpacks (HFG suffix) and in 144-ball fine pitch
ball grid arrays (GNL and GNM suffix).
5 Pin Configuration and Functions
HFG Package
164-Pin CFP
Top View
NOTE: DVDD is the power supply for the I/O pins while CVDD is the power supply for the core CPU. VSS is the ground for
both the I/O pins and the core CPU.
PLLVDD and PLLVSS are isolated PLL supply pins that should be externally connected to CVDD and VSS, respectively.
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SM320VC33 SMJ320VC33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com