Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM320VC33 Datasheet(PDF) 31 Page - Texas Instruments

Part # SM320VC33
Description  SMx320VC33 Digital Signal Processor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SM320VC33 Datasheet(HTML) 31 Page - Texas Instruments

Back Button SM320VC33 Datasheet HTML 27Page - Texas Instruments SM320VC33 Datasheet HTML 28Page - Texas Instruments SM320VC33 Datasheet HTML 29Page - Texas Instruments SM320VC33 Datasheet HTML 30Page - Texas Instruments SM320VC33 Datasheet HTML 31Page - Texas Instruments SM320VC33 Datasheet HTML 32Page - Texas Instruments SM320VC33 Datasheet HTML 33Page - Texas Instruments SM320VC33 Datasheet HTML 34Page - Texas Instruments SM320VC33 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 53 page
background image
Clock Divider
PLL
Clock and Crystal OSC
CLKMD1
CLKMD0
PLL PWR and Bypass
Oscillator Enable
C31 DIV2 Mode
LOWPOWER
MAXSPEED/
IDLE2
CPU CLOCK
1/2
U
M
X
X1, 1/16, Off
XOR
SEL
X
U
M
PLL
X5
EXTCLK
XIN
XOUT
RF
S1
SM320VC33, SMJ320VC33
www.ti.com
SGUS034F – FEBRUARY 2001 – REVISED JUNE 2015
is left unconnected and XIN is grounded.
When the PLL is initially started, it enters a transitional mode during which the PLL acquires lock with the input
signal. When the PLL is locked, it continues to track and maintain synchronization with the input signal. The PLL
is a simple ×5 reference multiplier with bypass and power control.
The clock divider, under CPU control, reduces the clock reference by 1 (MAXSPEED), 1/16 (LOWPOWER), or
clock stop (IDLE2). Wake-up from the IDLE2 state is accomplished by a RESET or interrupt pin logic-low state.
A divide-by-two TMS320C31 equivalent mode of operation is also provided. In this case, the clock output
reference is further divided by two with clock synchronization being determined by the timing of RESET falling
relative to the present H1/H3 state.
Figure 25. Clock Generation
Table 2. Clock Mode Select Pins
CLKMD0
CLKMD1
FEEDBACK
PLLPWR
RATIO
NOTES
0
0
Off
Off
1
Fully static, very-low power
0
1
On
Off
1/2
Oscillator enabled
1
0
On
Off
1
Oscillator enabled
1
1
On
On
5
2 mA at 60 MHz, 1.8-V PLL power. Oscillator enabled
Typical crystals in the 8- to 30-MHz range have a series resistance of 25
Ω, which increases below 8 MHz. To
maintain proper filtering and phase relationships, Rd and Zout of the oscillator circuit should be 10x to 40x that of
the crystal. TI recommends a series compensation resistor (Rd), shown in Figure 26, when using lower frequency
crystals. The XOUT output, the square wave inverse of XIN, is then filtered by the XOUT output impedance, C1
load capacitor, and Rd (if present). The crystal and C2 input load capacitor then refilters this signal, resulting in a
XIN signal that is 75% to 85% of the oscillator supply voltage.
NOTE
Some ceramic resonators are available in a low-cost, three-pin package that includes C1
and C2 internally. Typically, ceramic resonators do not provide the frequency accuracy of
crystals.
Better PLL stability can be achieved using the optional power supply isolation circuit
shown in Figure 26. A similar filter can be used to isolate the PLLVSS, as shown in
Figure 27. PLLVDD can also be directly connected to CVDD.
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: SM320VC33 SMJ320VC33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com