Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PUSB3BB2DF Datasheet(PDF) 23 Page - Nexperia B.V. All rights reserved

Part # PUSB3BB2DF
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB3BB2DF Datasheet(HTML) 23 Page - Nexperia B.V. All rights reserved

Back Button PUSB3BB2DF Datasheet HTML 19Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 20Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 21Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 22Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 23Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 24Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 25Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 26Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 27Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 234 page
background image
General purpose bipolar transistors
PNP LED driver
NPN LED driver
Automotive-qualified
Package
SOT457
SOT23
Size (mm)
2.9 x 1.5 x 1.0
2.9 x 1.3 x 1.0
P
tot (mW)
750
480
Maximum supply voltage Vs max (V)
Typical stabilized output
current I
out typ (mA)
Maximum stabilized out-
put current I
out max (mA)
18
10
-
NCR401T
20
-
NCR402T
40
10
65
NCR401U
20
65
NCR402U
50
65
NCR405U
Automotive-qualified
Package
SOT457
SOT223
Size (mm)
2.9 x 1.5 x 1.0
6.5 x 3.5 x 1.65
P
tot (mW)
750
1250
Maximum supply voltage Vs max (V)
Typical stabilized output
current I
out typ (mA)
Maximum stabilized out-
put current I
out max (mA)
16
10
250
NCR320U
NCR321U
40
10
150
NCR420U
NCR421U
16
10
250
NCR320Z
NCR321Z
40
10
150
NCR420Z
NCR421Z
Constant current source
Automotive-qualified
Package
SOT353 (SC-88A)
Size (mm)
2.0 x 1.25 x 0.95
Ptot (mW)
335
Type
PSSI2021SAY
Description
Maximum
supply voltage
Maximum
supply current
Typical stabilized
output current
Minimum stabilized
output current
Maximum stabilized
output current
Parameter
V
S max (V)
I
S max (mA)
I
out typ (µA)
I
out min (mA)
I
out max (mA)
Value
75
2.2
15
0.015
50
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com