Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PUSB3BB2DF Datasheet(PDF) 48 Page - Nexperia B.V. All rights reserved

Part # PUSB3BB2DF
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB3BB2DF Datasheet(HTML) 48 Page - Nexperia B.V. All rights reserved

Back Button PUSB3BB2DF Datasheet HTML 44Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 45Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 46Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 47Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 48Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 49Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 50Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 51Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 52Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 234 page
background image
Types in
bold represent new products
Automotive-qualified
Package
SOT23
Size (mm)
2.9 X 1.3 X 1.0
P
tot (mW)
300
100
1
50
500
80
4
bra048
BAS16TH
200
1
100
100
200
50
BAS21TH
High performance switching diodes (175°C capable & superior power dissipation)
General purpose, switching diodes >= 100V
Types in
bold represent new products
Automotive-qualified
Package
SOD80C
(MiniMelf)
SOT457
(SC-74)
SOT23
SOT143B
SOD123
SOD123F
SOT323
(SC-70)
SOT353
(SC-88A)
SOT363
(SC-88)
SOD323
(SC-76)
SOD323F
(SC-90)
SOD523
(SC-79)
DFN1006D-2
(SOD882(D))
DFN1010D-3
(SOT1215)
Size
(mm)
3.5 x 1.5
x 1.5
2.9 x 1.5
x 1.0
2.9 x 1.3
x 1.0
2.9 x 1.3
x 1.0
2.7 x 1.6
x 1.2
2.6 x 1.6
x 1.1
2.0 x 1.25
x 0.95
2.0 x 1.25
x 0.95
2.0 x 1.25
x 0.95
1.7 x 1.25
x 0.95
1.7 x 1.25
x 0.7
1.2 x 0.8
x 0.6
1.0 x 0.6 x
0.48
(1.0 x 0.6 x
0.37)
1.1 x 1.0 x
0.37
P
tot
(mW)
400
250
250
250
380
375
200
255
300
300
300
250
250
325
100
1
100 100 100 50
BAS19
150
1
100 100 150 50
BAV102
BAS20
150 50
BAV103
BAS21GW BAS21H
BAS321 BAS321J
BAS521B
BAS21LL
(LD)
BAV21QA
≥
200
1
100 100 200 50
BAS21
BAS21W
BAV23
BAS21PG
BAV23A
BAS21AW
BAV23C
BAV23QA
BAV23S
BAS21SW
BA-
S21AVD
BAS21VD
300 1.1 100 150 250 50
BAS21J
BAS521
BAS101
BAS101S
BAW101
BAW101S
bra036
bra036
bra048
bra048
bra048
bra037
bra143
bra046
bra041
bra038
1
2
3
5
4
aaa-018440
bra036
bra048
bra041
bra037
Switching diodes
Nexperia selection guide 2020
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com