Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PUSB3BB2DF Datasheet(PDF) 36 Page - Nexperia B.V. All rights reserved

Part # PUSB3BB2DF
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB3BB2DF Datasheet(HTML) 36 Page - Nexperia B.V. All rights reserved

Back Button PUSB3BB2DF Datasheet HTML 32Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 33Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 34Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 35Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 36Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 37Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 38Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 39Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 40Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 234 page
background image
Automotive-qualified
Package
DFN1006-3
(SOT883)
DFN1006B-3
(SOT883B)
DFN1010D-3
(SOT1215)
Size (mm)
1.0 x 0.6 x 0.48
1.0 x 0.6 x 0.37
1.1 x 1.0 x 0.37
Ptot (mW)
250
250
750
V
CEO (V)
I
C (mA)
Configuration
R1 (kΩ)
R2 (kΩ)
NPN
PNP
NPN
PNP
NPN
PNP
50
100
1
1
PDTA113EM
PDTA113EMB
2.2
2.2
PDTC123EM
PDTA123EM
PDTC123EMB
PDTA123EMB
4.7
4.7
PDTC143EM
PDTA143EM
PDTC143EMB
PDTA143EMB
PDTC143EQA
PDTA143EQA
10
10
PDTC114EM
PDTA114EM
PDTC114EMB
PDTA114EMB
PDTC114EQA
PDTA114EQA
22
22
PDTC124EM
PDTA124EM
PDTC124EMB
PDTA124EMB
PDTC124EQA
PDTA124EQA
47
47
PDTC144EM
PDTA144EM
PDTC144EMB
PDTA144EMB
PDTC144EQA
PDTA144EQA
100
100
PDTC115EM
PDTA115EM
PDTC115EMB
PDTA115EMB
1
10
PDTA113ZM
PDTA113ZMB
2.2
10
PDTC123YM
PDTA123YM
PDTC123YMB
PDTA123YMB
2.2
47
PDTC123JM
PDTA123JM
PDTC123JMB
PDTA123JMB
PDTC123JQA
PDTA123JQA
4.7
10
PDTC143XM
PDTA143XM
PDTC143XMB
PDTA143XMB
PDTC143XQA
PDTA143XQA
4.7
47
PDTC143ZM
PDTA143ZM
PDTC143ZMB
PDTA143ZMB
PDTC143ZQA
PDTA143ZQA
10
47
PDTC114YM
PDTA114YM
PDTC114YMB
PDTA114YMB
PDTC114YQA
PDTA114YQA
22
47
PDTC124XM
PDTA124XM
PDTC124XMB
PDTA124XMB
47
10
PDTC144VM
PDTA144VM
PDTC144VMB
PDTA144VMB
47
22
PDTC144WM
PDTA144WM
PDTC144WMB
PDTA144WMB
2.2
-
PDTC123TM
PDTA123TM
PDTC123TMB
PDTA123TMB
4.7
-
PDTC143TM
PDTA143TM
PDTC143TMB
PDTA143TMB
10
-
PDTC114TM
PDTA114TM
PDTC114TMB
PDTA114TMB
22
-
PDTC124TM
PDTA124TM
PDTC124TMB
PDTA124TMB
47
-
PDTC144TM
PDTA144TM
PDTC144TMB
PDTA144TMB
100
-
PDTC115TM
PDTA115TM
PDTC115TMB
PDTA115TMB
MSE187
R1
Automotive-qualified
Package
DFN1010B-6
(SOT1216)
DFN1412-6
(SOT1268)
SOT363
(SC-88)
Size (mm)
1.1 x 1.0 x 0.37
1.4 X 1.2 X 0.5
2.0 x 1.25 x 0.95
Ptot (mW)
350
480
300
V
CEO (V)
I
C (mA)
Configuration R1 (kΩ)
R2 (kΩ)
NPN / NPN
NPN / PNP
PNP / PNP
NPN / NPN
NPN / PNP
PNP / PNP
NPN / NPN
NPN / PNP
PNP / PNP
50
100
R1 = R2
2.2
2.2
PUMH20
PUMD20
PUMB20
4.7
4.7
PUMH15
PUMD15
PUMB15
10
10
PQMH11
PQMD3
PQMB11
PRMH11
PRMD3
PRMB11
PUMH11
PUMD3
PUMB11
22
22
PQMD2
PRMD2
PUMH1
PUMD2
PUMB1
47
47
PQMH2
PQMD12
PRMH2
PRMD12
PUMH2
PUMD12
PUMB2
100
100
PUMH24
PUMD24
PUMB24
R1 ≠ R2
2.2
47
PQMH10
PQMD10
PRMH10
PRMD10
PUMH10
PUMD10
PUMB10
4.7
10
PUMH18
PUMD18
PUMB18
4.7
47
PQMH13
PQMD13
PRMH13
PRMD13
PUMH13
PUMD13
PUMB13
10
47
PQMH9
PRMH9
PUMH9
PUMD9
PUMB9
22
47
PQMD16
PRMD16
PUMH16
PUMD16
PUMB16
47
22
PUMH17
PUMD17
PUMB17
47 / 2.2
47 / 47
PUMD48
Only R1
2.2
-
PUMH30
PUMD30
PUMB30
4.7
-
PUMH7
PUMD6
PUMB3
10
-
PUMH4
PUMD4
PUMB4
22
-
PUMH19
PUMD19
PUMB19
47
-
PUMH14
PUMD14
PUMB14
Resistor equipped transistors (RETs)
RETs 100 mA single - part 2
RETs 100 mA double
Nexperia selection guide 2020
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com