Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PUSB3BB2DF Datasheet(PDF) 47 Page - Nexperia B.V. All rights reserved

Part # PUSB3BB2DF
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB3BB2DF Datasheet(HTML) 47 Page - Nexperia B.V. All rights reserved

Back Button PUSB3BB2DF Datasheet HTML 43Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 44Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 45Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 46Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 47Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 48Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 49Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 50Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 51Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 234 page
background image
47
47
Switching diodes
General purpose, high speed switching diodes 100V (Leadless DFN)
General purpose, high speed switching diodes 100V (Leaded SMD)
Automotive-qualified
Package
SOT23
SOD123
SOD123F
SOT323
(SC-70)
SOT363
(SC-88)
SOD323
(SC-76)
SOD323F
(SC-90)
SOD523
(SC-79)
Size (mm)
2.9 x 1.3 x 1.0
2.7 x 1.6 x 1.2
2.6 x 1.6 x 1.1
2.0 x 1.25
x 0.95
2.0 x 1.25
x 0.95
1.7 x 1.25
x 0.95
1.7 x 1.25 x 0.7
1.2 x 0.8 x 0.6
P
tot (mW)
250
380
375
200
300
300
300
250
100 1 50 500 80 4
BAS16GW
BAS16H
BAS316
BAS16J
BAS516
BAS16
BAS16W
BAS16VY
BAV70
BAV70W
BAV70S
BAV99
BAV99W
BAV99S
bra046
bra036
bra048
bra038
bra041
Automotive-qualified
Package
DFN1412-6
(SOT1268)
DFN1010D-3
(SOT1215)
DFN1006-2
(SOD882)
DFN1006-3
(SOT883)
DFN1006D-2
(SOD882D)
DFN1006BD-2
(SOD882BD)
DFN1110D-3
(SOT8015)
DFN1412D-3
(SOT8009)
Size (mm)
1.4 x 1.2
x 0.5
1.1 x 1.0
x 0.37
1.0 x 0.6
x 0.48
1.0 x 0.6
x 0.48
1.0 x 0.6
x 0.37
1.0 x 0.6
x 0.48
1.1 x 1.0
x 0.47
1.4 x 1.2
x 0.47
P
tot (mW)
480
325
250
250
250
250
100 1 50 500 80 4
BAS16L
BAS16LD
BAS16LS
BAS16QA
BAS16QB
BAS16QC
BAV70QA
BAV70M
BAV70SRA
BAV99QA
bra046
bra036
bra048
bra038
bra041
Types in
bold represent new products



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com