Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PUSB3BB2DF Datasheet(PDF) 55 Page - Nexperia B.V. All rights reserved

Part # PUSB3BB2DF
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB3BB2DF Datasheet(HTML) 55 Page - Nexperia B.V. All rights reserved

Back Button PUSB3BB2DF Datasheet HTML 51Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 52Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 53Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 54Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 55Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 56Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 57Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 58Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 59Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 234 page
background image
55
55
Schottky diodes and rectifiers
Schottky rectifiers - leadless DSN / DFN packages
Automotive-qualified
Package
DSN0603-2
(SOD962)
DSN0603B-2
(SOD962B)
DSN1006-2
(SOD993)
DSN1006U-2
(SOD995)
DFN2020-3
(SOT1061)
DFN2020D-3
(SOT1061D)
DFN1608D-2
(SOD1608)
DFN1006-2
(SOD882)
DFN1006D-2
(SOD882D)
DFN0603-2
(SOD972E)
Size (mm)
0.6 x 0.3 x 0.3
0.6 x 0.3 x 0.2
1.0 x 0.6 x 0.28
1.0 x 0.6 x 0.28
2.0 x 2.0 x 0.62
2.0 x 2.0 x 0.62
1.6 x 0.8 x 0.37
1.0 x 0.6 x 0.48
1.0 x 0.6 x 0.37
0.63 x 0.33 x 0.25
P
tot (mW) @ 1 cm²
525
525
1.000
1.190
960
960
780
565
660
570
Optimization
0.1
30
840
0.0008
Low I
R
PMEG3001EEF
0.2
20
420
0.045
Low V
F
PMEG2002AESF
PMEG2002AESFB
490
0.0035
Low I
R
PMEG2002ESF
30
470
0.08
Low V
F
PMEG3002AESF
480
0.05
low V
F
PMEG3002AEL
PMEG3002AELD
520
0.015
Low I
R
PMEG3002EEF
535
0.009
Low I
R
PMEG3002ESF
40
525
0.08
Low V
F
PMEG4002AESF
600
0.0065
Low I
R
PMEG4002ESF
PMEG4002EL
PMEG4002ELD
600
0.01
low I
R
60
600
0.1
low V
F
PMEG6002EL
PMEG6002ELD
0.5
20
390
0.2
low V
F
PMEG2005BELD
410
0.3
low V
F
PMEG2005EPK
440
1.5
low V
F
PMEG2005AEL
PMEG2005AELD
500
0.03
low I
R
PMEG2005EL
PMEG2005ELD
550
0.045
Low V
F
PMEG2005AESF
620
0.0035
Low I
R
PMEG2005ESF
30
500
0.5
low V
F
PMEG3005EL
PMEG3005ELD
630
0.08
Low V
F
PMEG3005AESF
670
0.015
Low I
R
PMEG3005EEF
720
0.009
Low I
R
PMEG3005ESF
40
590
0.01
low I
R
PMEG4005EPK
820
0.08
Low V
F
PMEG4005AESF
880
0.0065
Low I
R
PMEG4005ESF
1
20
375
1.9
low V
F
PMEG2010EPA
PMEG2010EPAS
415
0.6
low V
F
PMEG2010EPK
490
0.2
low V
F
PMEG2010BELD
30
480
1.25
Low V
F
PMEG3010AESB
PMEG3010AESA
565
0.045
Low I
R
PMEG3010ESB
40
505
0.115
Low V
F
PMEG4010AESB
600
0.02
low I
R
PMEG4010EPK
610
0.04
Low I
R
PMEG4010ESB
60
625
0.65
Low V
F
PMEG6010AESB
730
0.03
Low I
R
PMEG6010ESB
1.5
20
420
0.9
low V
F
PMEG2015EPK
40
610
0.03
low I
R
PMEG4015EPK
2
20
420
1.9
low V
F
PMEG2020EPA
PMEG2020EPAS
450
0.9
low V
F
PMEG2020EPK
30
470
2.5
low V
F
PMEG3020EPA
PMEG3020EPAS
40
535
0.1
low V
F
PMEG4020EPA
PMEG4020EPAS
60
530
0.2
low V
F
PMEG4020EPK
575
0.25
low V
F
PMEG6020EPA
PMEG6020EPAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com