Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PUSB3BB2DF Datasheet(PDF) 27 Page - Nexperia B.V. All rights reserved

Part # PUSB3BB2DF
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB3BB2DF Datasheet(HTML) 27 Page - Nexperia B.V. All rights reserved

Back Button PUSB3BB2DF Datasheet HTML 23Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 24Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 25Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 26Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 27Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 28Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 29Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 30Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 31Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 234 page
background image
Automotive-qualified
V
CEO (V)
I
C (A)
I
cm [A]
Type
Package
Remark
Configuration
30
0.1
0.2
BCV65
SOT143B
General-purpose transistors
40
0.6
1
PMD2001D
SOT457
Switching transistors with
reduced storage time
1
2
PMD3001D
Low V
CEsat
Low VCEsat transistors single NPN up to 2000 mW
Automotive-qualified
Package
SOT223
(SC-73)
SOT89
(SC-62)
SOT457
(SC-74)
DFN2020D-3
(SOT1061D)
DFN2020-3
(SOT1061)
Size (mm)
6.5 x 3.5 x 1.65
4.5 x 2.5 x 1.5
2.9 x 1.5 x 1.0
2.0 x 2.0 x 0.62
2.0 x 2.0 x 0.62
Ptot (mW)
1700
1650
750
1300
1300
V
CEO
(V)
I
C
(A)
I
CM
(A)
h
FE
min/typ
@ I
C
(A)
@ V
CE
(V)
V
CEsat typ (mV);
I
C = 0.5 A; IB =
0�05 A
12
5.3
10.6
300 / 530
0.5
2
18
PBSS301NX
5.8
11.6
300 / 530
0.5
2
18
PBSS301NZ
6
7
280 / 440
0.5
2
20
PBSS4612PA
20
3
5
220 / 390
0.5
2
40
PBSS4320X
4
15
300 / 450
0.5
2
30
PBSS301ND
5
10
300 / 450
0.5
2
35
PBSS4520X
5.3
10.6
300 / 570
0.5
2
20
PBSS302NX
5.8
10.2
300 / 570
0.5
2
20
PBSS302NZ
6
7
280 / 440
0.5
2
20
PBSS4620PA
7
15
300 / 550
0.5
2
12
PBSS4021NX
8
20
300 / 550
0.5
2
9
PBSS4021NZ
30
3
5
300 / 490
0.5
2
45
PBSS4330X
3
5
300 / 465
0.5
2
40
PBSS4330PAS 2)
PBSS4330PA
3.5
6
300 / 500
0.5
2
70
PBSS4032ND 3)
4.7
10
300 / 500
0.5
2
57
PBSS4032NX 3)
5.1
10.2
300 / 480
0.5
2
20
PBSS303NX
5.4
10
300 / 500
0.5
2
57
PBSS4032NZ 3)
5.5
11
300 / 480
0.5
2
20
PBSS303NZ
6
7
280 / 450
0.5
2
21
PBSS4630PA
40
2
3
300 / –
0.5
5
140
PBSS4240X
4
15
300 / 520
0.5
2
35
PBSS302ND
10
300 / 500
0.5
2
21
PBSS4540X
5
10
300 / 500
0.5
2
25
PBSS4540Z
50
2
5
300 / –
0.5
2
90 2)
PBSS4250X
3
5
200 / 280
0.5
2
65
PBSS4350D
300 / 460
0.5
2
50
PBSS4350X
200 / 280
0.5
2
60 1)
PBSS4350Z
60
1
2
170 / –
0.5
10
200 2)
PBSS4160X
3
6
200 / 360
0.5
5
45
PBSS4360PAS 2)
200 / –
0.5
5
45
PBSS4360Z
PBSS4360X
345 / 570
0.5
2
40
PBSS303ND
4.7
9.4
300 / 520
0.5
2
25
PBSS304NX
5.2
10.4
300 / 520
0.5
2
25
PBSS304NZ
6
7
280 / 440
0.5
2
22
PBSS4560PA
6.2
15
300 / 500
0.5
2
17
PBSS4041NX
7
15
300 / 500
0.5
2
13
PBSS4041NZ
80
3
6
240 / 360
0.5
2
40
PBSS304ND
4
10
250 / 400
0.5
2
25
PBSS4480X
4.6
9.2
300 / 470
0.5
2
25
PBSS305NX
5.1
10.2
300 / 470
0.5
2
25
PBSS305NZ
5.6
7
270 / 425
0.5
2
25
PBSS4580PA
100
1
3
150 / 290
0.25
10
75
PBSS8110D
150 / 290
0.25
10
73
PBSS8110X
150 / 290
0.25
10
73
PBSS8110Z
3
4
170 / 275
0.5
2
45
PBSS305ND
4.5
9
200 / 330
0.5
2
27
PBSS306NX
5.1
10.2
200 / 330
0.5
2
27
PBSS306NZ
5.2
6
180 / 285
0.5
2
30
PBSS8510PA
M3D109
1)
I
C / IB = 20
2)
V
CEsat (max)
3)
Optimized for high-speed switching
2)
175oC capable
Low V
CEsat transistors
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com