Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PUSB3BB2DF Datasheet(PDF) 29 Page - Nexperia B.V. All rights reserved

Part # PUSB3BB2DF
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB3BB2DF Datasheet(HTML) 29 Page - Nexperia B.V. All rights reserved

Back Button PUSB3BB2DF Datasheet HTML 25Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 26Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 27Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 28Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 29Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 30Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 31Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 32Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 33Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 234 page
background image
Low V
CEsat transistors
Low VCEsat transistors single PNP up to 2000 mW
Automotive-qualified
Package
SOT223
(SC-73)
SOT89
(SC-62)
SOT457
(SC-74)
DFN2020D-3
(SOT1061D)
DFN2020-3
(SOT1061)
Size (mm)
6.5 x 3.5 x 1.65
4.5 x 2.5 x 1.5
2.9 x 1.5 x 1.0
2.0 x 2.0 x 0.62
2.0 x 2.0 x 0.62
Ptot (mW)
1700
1650
750
1300
1300
V
CEO
(V)
I
C
(A)
I
CM
(A)
h
FE
min/typ
@ I
C
(A)
@ V
CE
(V)
V
CEsat typ (mV);
I
C = 0.5 A; IB =
0�05 A
12
5.3
10.6
250 / 400
0.5
2
20
PBSS301PX
5.7
11.4
250 / 400
0.5
2
20
PBSS301PZ
6
7
220 / 335
0.5
2
20
PBSS5612PA
20
3
5
200 / –
0.5
2
80 2)
PBSS5320D
220 / 450
0.5
2
50
PBSS5320X
4
15
250 / 400
0.5
2
35
PBSS301PD
5
10
300 / 430
0.5
2
45
PBSS5520X
5.1
10.2
250 / 370
0.5
2
25
PBSS302PX
5.5
11
250 / 370
0.5
2
25
PBSS302PZ
6
7
230 / 345
0.5
2
25
PBSS5620PA
6.2
15
250 / 400
0.5
2
18
PBSS4021PX
6.6
20
250 / 400
0.5
2
16
PBSS4021PZ
30
2.7
5
200 / 350
0.5
2
87
PBSS4032PD 3)
3
5
200 / 380
0.5
2
50
PBSS5330X
200 / 320
0.5
2
45
PBSS5330PAS 2)
PBSS5330PA
4.2
10
200 / 350
0.5
2
70
PBSS4032PX 3)
4.4
10
200 / 350
0.5
2
70
PBSS4032PZ 3)
5.1
10.2
250 / 400
0.5
2
25
PBSS303PX
5.3
10.6
250 / 400
0.5
2
25
PBSS303PZ
6
7
200 / 335
0.5
2
25
PBSS5630PA
40
2
3
215 / –
0.5
5
170
PBSS5240X
4
15
200 / 310
0.5
2
46
PBSS302PD
10
250 / 370
0.5
2
33
PBSS5540X
5
250 / 350
0.5
2
40 1)
PBSS5540Z
50
2
5
200 / –
0.5
2
90 2)
PBSS5250X
3
5
200 / 300
0.5
2
70
PBSS5350D
200 / 375
0.5
2
70
PBSS5350X
200 / 300
0.5
2
70
PBSS5350Z
60
3
6
130 / 220
0.5
5
55
PBSS5360PAS 2)
130 / –
0.5
5
55
PBSS5360Z
PBSS5360X
180 / 265
0.5
2
55
PBSS303PD
4.2
8.4
200 / 295
0.5
2
35
PBSS304PX
4.5
9
200 / 295
0.5
2
35
PBSS304PZ
5
6
170 / 260
0.5
2
35
PBSS5560PA
5
15
200 / 300
0.5
2
30
PBSS4041PX
5.7
200 / 300
0.5
2
22
PBSS4041PZ
80
3
5
155 / 225
0.5
2
55
PBSS304PD
4
180 / 265
0.5
2
40
PBSS5580PA
10
200 / 300
0.5
2
35
PBSS5480X
8
200 / 280
0.5
2
36
PBSS305PX
4.5
9
200 / 280
0.5
2
36
PBSS305PZ
100
1
3
150 / 350
0.5
5
100
PBSS9110D
150 / 350
0.5
5
90
PBSS9110X
150 / –
0.5
5
90
PBSS9110Z
2
3
175 / 275
0.5
2
65
PBSS305PD
2.7
4
180 / 295
0.5
2
45
PBSS9410PA
3.7
7.4
200 / 300
0.5
2
45
PBSS306PX
4.1
8.2
200 / 300
0.5
5
45
PBSS306PZ
1)
I
C / IB = 20
2)
V
CEsat (max)
3)
Optimized for high-speed switching
2)
175oC capable
M3D109
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com