Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PUSB3BB2DF Datasheet(PDF) 61 Page - Nexperia B.V. All rights reserved

Part # PUSB3BB2DF
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB3BB2DF Datasheet(HTML) 61 Page - Nexperia B.V. All rights reserved

Back Button PUSB3BB2DF Datasheet HTML 57Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 58Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 59Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 60Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 61Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 62Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 63Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 64Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 65Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 234 page
background image
ESD protection,
TVS, filtering
and signal
conditioning
3
Automotive ESD protection and TVS  ������������������������������������������������������������� 62
Classic In-Vehicle Networks ..................................................................................................................62
Automotive Ethernet ............................................................................................................................62
TrEOS Automotive..................................................................................................................................63
Infotainment / SerDes ...........................................................................................................................63
TVS diodes, 24 W/40 W .........................................................................................................................64
TVS 400 W ..............................................................................................................................................65
TVS 600 W ...............................................................................................................................................66
ESD protection  �������������������������������������������������������������������������������������������������� 67
Low capacitance ESD protection for high-speed interfaces ..........................................................67
General purpose ESD protection devices ..........................................................................................69
EMI solutions with integrated protection  ����������������������������������������������������� 73
Common mode filters with integrated protection  .........................................................................73
RC low pass filters with integrated protection ................................................................................73
Transient Voltage Surge Suppressor (TVS)����������������������������������������������������� 74
TVS diodes for mobile applications ....................................................................................................74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com