Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PUSB3BB2DF Datasheet(PDF) 56 Page - Nexperia B.V. All rights reserved

Part # PUSB3BB2DF
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB3BB2DF Datasheet(HTML) 56 Page - Nexperia B.V. All rights reserved

Back Button PUSB3BB2DF Datasheet HTML 52Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 53Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 54Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 55Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 56Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 57Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 58Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 59Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 60Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 234 page
background image
Schottky diodes and rectifiers
Power Schottky rectifiers - clip-bond packages
Automotive-qualified
Package
CFP15
(SOT1289)
CFP15B
(SOT1289B)
CFP5
(SOD128)
CFP3
(SOD123W)
Size (mm)
5.8 x 4.3 x 0.78
5.8 x 4.3 x 0.95
3.8 x 2.5 x 1.0
2.6 x 1.7 x 1.0
P
tot (mW) @ 1 cm²
2150
2150
1050
950
Optimization
1
20
340
1
Low V
F
PMEG2010ER
450
0.05
Low I
R
PMEG2010BER
30
360
1.5
Low V
F
PMEG3010EP
PMEG3010ER
450
0.05
Low I
R
PMEG3010BEP
PMEG3010BER
40
490
0.05
Low V
F
PMEG4010EP
PMEG4010ER
Low V
F
PMEG4010ETP
PMEG4010ETR
460
0.022
Low V
F/Low IR
PMEG40T10ER1)
60
530
0.06
Low V
F
PMEG6010EP
PMEG6010ER
Low V
F
PMEG6010ETR
590
0.0008
Low V
F/Low IR
PMEG60T10ELP1)
600
0.00065
Low V
F/Low IR
PMEG60T10ELR1)
660
0.0003
Low I
R
PMEG6010ELR
100
770
0.00015
Low I
R
PMEG10010ELR
2
30
360
3
Low V
F
PMEG3020EP
420
1.5
Low V
F
PMEG3020CEP
PMEG3020ER
450
0.1
Low I
R
PMEG3020BEP
520
0.05
Low I
R
PMEG3020DEP
PMEG3020BER
40
490
0.1
Low V
F
PMEG4020EP
PMEG4020ER
Low V
F
PMEG4020ETP
PMEG4020ETR
515
0.022
Low V
F/Low IR
PMEG40T20EP1)
PMEG40T20ER1)
60
530
0.2
Low V
F
PMEG6020EP
PMEG6020ER
Low V
F
PMEG6020ETP
PMEG6020ETR
620
0.0012
Low V
F/Low IR
PMEG60T20ELP1)
PMEG60T20ELR1)
670
0.0007
Low I
R
PMEG6020AELP
PMEG6020AELR
760
0.0003
Low I
R
PMEG6020ELR
100
770
0.0003
Low I
R
PMEG10020AELP
PMEG10020AELR
830
0.00015
Low I
R
PMEG10020ELR
3
30
360
5
Low V
F
PMEG3030EP
450
0.15
Low I
R
PMEG030V030EPD
PMEG3030BEP
40
490
0.12
Low V
F
PMEG040V030EPD
0.2
Low V
F
PMEG4030EP
Low V
F
PMEG4030ETP
525
0.028
Low V
F/Low IR
PMEG40T30EP1)
PMEG40T30ER1)
540
0.1
Low I
R
PMEG4030ER
45
480
0.044
Low V
F/Low IR
PMEG045T030EPD1)
50
530
0.1
Low V
F
PMEG050V030EPD
60
475
0.4
Low V
F
PMEG6030EVP
530
0.2
Low V
F
PMEG060V030EPD
PMEG6030EP
Low V
F
PMEG6030ETP
620
0.0018
Low V
F/Low IR
PMEG060T030ELPE1)
PMEG60T30ELP1)
PMEG60T30ELR1)
670
0.001
Low I
R
PMEG6030ELP
100
770
0.00045
Low I
R
PMEG10030ELP
4.5
60
530
0.4
Low V
F
PMEG6045ETP
5
30
360
8
Low V
F
PMEG3050EP
450
0.25
Low I
R
PMEG3050BEP
500
0.15
Low V
F
PMEG030V050EPD
40
490
0.3
Low V
F
PMEG4050EP
0.3
Low V
F
PMEG4050ETP
520
0.12
Low V
F
PMEG040V050EPD
525
0.041
Low V
F/Low IR
PMEG40T50EP1)
45
490
0.3
Low V
F
PMEG045V050EPD
525
0.044
Low V
F/Low IR
PMEG045T050EPD1)
60
560
0.4
Low V
F
PMEG060V050EPD
690
0.0018
Low V
F/Low IR
PMEG060T050ELPE1)
PMEG60T50ELP1)
2x3
60
620
0.0018
Low V
F/Low IR
PMEG060T060CLPE1)
6
100
840
0.00045
Low I
R
PMEG100V060ELPD
2x4
60
660
0.0018
Low V
F/Low IR
PMEG060T080CLPE1)
8
100
850
0.0005
Low I
R
PMEG100V080ELPD
2x5
60
690
0.0018
Low V
F/Low IR
PMEG060T100CLPE1)
Types in
bold represent new products
1)
Trench process
Nexperia selection guide 2020
56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com