Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PUSB3BB2DF Datasheet(PDF) 83 Page - Nexperia B.V. All rights reserved

Part # PUSB3BB2DF
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB3BB2DF Datasheet(HTML) 83 Page - Nexperia B.V. All rights reserved

Back Button PUSB3BB2DF Datasheet HTML 79Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 80Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 81Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 82Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 83Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 84Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 85Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 86Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 87Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 234 page
background image
Automotive MOSFETs
Package name
Type number
V
DS
[max] (V)
R
DS(on)
[max]
@ 10 V
(mΩ)
R
DS(on)
[max]
@ 5 V
(mΩ)
I
D
[max]
@ 25 °C
(A)
R
th(j-mb)
[max]
(K/W)
D2PAK
(SOT404)
BUK7613-75B
75
13
75
0.95
BUK9616-75B
75
14
16
67
0.95
BUK763R8-80E
80
3.8
120
0.43
BUK964R2-80E
80
4
4.2
120
0.43
BUK764R2-80E
80
4.2
120
0.46
BUK964R7-80E
80
4.5
4.7
120
0.46
BUK769R6-80E
80
9.6
75
0.82
BUK9611-80E
80
10
11
75
0.82
LFPAK56;
Power-SO8
(SOT669)
BUK7Y7R8-80E
80
7.8
100
0.63
BUK9Y8R5-80E
80
8
8.5
100
0.63
BUK7Y9R9-80E
80
9.9
89
0.77
BUK9Y11-80E
80
10
11
84
0.77
BUK9Y14-80E
80
14
15
62
1.02
BUK7Y14-80E
80
14
65
1.02
BUK9Y25-80E
80
25
27
37
1.58
BUK7Y25-80E
80
25
39
1.58
BUK9Y41-80E
80
41
45
24
2.33
BUK7Y41-80E
80
41
25
2.31
BUK9Y72-80E
80
72
78
15
3.33
BUK7Y72-80E
80
72
16
3.33
BUK9Y107-80E
80
98
107
12
4.03
BUK7Y98-80E
80
98
12
4.03
LFPAK56D
(SOT1205)
BUK7K15-80E
80
15
23
2.21
BUK7K17-80E
80
17
21
2.36
BUK7K23-80E
80
23
17
2.21
BUK9K20-80E
80
17
19
23
2.84
BUK9K22-80E
80
19
22
21
2.36
BUK9K30-80E
80
26
30
17
2.84
LFPAK33
(SOT1210
BUK7M17-80E
80
17
43
1.89
BUK9M23-80E
80
20
23
37
1.89
BUK7M22-80E
80
22
37
2
BUK7M27-80E
80
27
30
2.43
BUK9M28-80E
80
28
28
33
2
BUK9M35-80E
80
35
35
26
2.43
N-channel 75V-80V automotive power MOSFETs
83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com