Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PUSB3BB2DF Datasheet(PDF) 14 Page - Nexperia B.V. All rights reserved

Part # PUSB3BB2DF
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB3BB2DF Datasheet(HTML) 14 Page - Nexperia B.V. All rights reserved

Back Button PUSB3BB2DF Datasheet HTML 10Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 11Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 12Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 13Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 14Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 15Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 16Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 17Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 18Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 234 page
background image
New products
Analog & logic ICs
Analog & logic ICs
Category
Device
Description
Page
Automotive analog & logic Ics
74AHC244DGV-Q100
Octal buffer/line driver (3-state) in SOT 408 package
113
74ALVC541DGV-Q100
Octal buffer/line driver (3-state) in SOT408 package
113
74LVC16244ADGV-Q100
16-bit buffer/line driver (3-state) in SOT408 package
114
74LVCH16244ADGV-Q100
16-bit buffer/line driver with bus hold (3-state) in SOT408 package
114
74CB3Q3257PW-Q100
4-bit 1-of-2 mux/demux with charge pump in SOT403 package
116
74AUP2G00DC-Q100
Dual 2-input NAND gate in SOT765 package
120
74LVC16373ADGV-Q100
16-bit D-type transparent latch (3-state) in SOT480 package
121
74LVCH16373ADGV-Q100
16-bit D-type transparent latch with bushold (3-state) in SOT480 package
121
74AVC4T245GU-Q100
Automotive MOSFETs
122
LSF0108PW-Q100
8-bit bidIRectional level translator; open-drain; push-pull in SOT360 package
122
LSF0108BQ-Q100
8-bit bidIRectional level translator; open-drain; push-pull in SOT764 package
122
NXB0104GU-Q100
Dual supply translator; auto dIRection sensing (3-state) in SOT1161 package
122
NXS0104GU-Q100
Dual supply translating transceiver; open drain; autosense in SOT1161 package
122
74LVC16245ADGV-Q100
16-bit bus transceiver with dIRection pin; 5 V tolerant (3-state) in SOT480 package
126
74LVCH16245ADGV-Q100
16-bit bus transceiver with bus hold with dIRection pin; 5 V tolerant (3-state) in SOT480 package
126
74LVC2G3157DP-Q100
Dual 10 Ω single-pole double-throw analog switch in SOT552 package
127
74AHC1G4208GW-Q100
08-stage divider and oscillator in SOT353 package
127
74AHC1G4210GW-Q100
10-stage divider and oscillator in SOT353 package
127
74AHC1G4212GW-Q100
12-stage divider and oscillator in SOT353 package
127
74AHC1G4214GW-Q100
14-stage divider and oscillator in SOT353 package
127
74AHC1G4215GW-Q100
15-stage divider and oscillator in SOT353 package
127
74AUP1G07GW-Q100
Buffer; open-drain in SOT353 package
128
74AUP1G125GM-Q100
Single buffer/line driver (3-state) in SOT886 package
128
74AUP1G125GS-Q100
Single buffer/line driver (3-state) in SOT1202 package
128
74AUP2GU04GM-Q100
Dual inverter; unbuffered in SOT886 package
128
74LVC1G07GS-Q100
Single buffer; open-drain in SOT1202 package
129
74LVC1G125GM-Q100
Single buffer/line driver (3-state) in SOT886 package
129
74LVC2G04GS-Q100
Dual inverter in SOT1202 package
129
74AUP1G157GM-Q100
Single 2-input multiplexer in SOT886 package
130
74AUP1G00GW-Q100
Single 2-input NAND gate in SOT353 package
131
74AUP1G08GM-Q100
Single 2-input AND gate in SOT886 package
131
74AUP1G09GW-Q100
Single 2-input AND gate; open-drain in SOT353 package
131
74AUP1G32GM-Q100
Single 2-input OR gate in SOT886 package
131
74LVC1G08GM-Q100
Single 2-input AND gate in SOT886 package
132
74LVC1G27GW-Q100
Single 3-input NOR gate in SOT363 package
132
74LVC1G97GW-Q100
Configurable gate; Schmitt-trigger in SOT363 package
132
74LVC2G08GS-Q100
Dual 2-input AND gate in SOT1203 package
132
74AUP1G132GM-Q100
Single 2-input NAND gate; Schmitt-trigger in SOT353 package
133
74LVC1G14GM-Q100
Single inverter Schmitt-trigger in SOT886 package
133
74LVC1G17GM-Q100
Single buffer Schmitt-trigger in SOT886 package
133
74LVC2G14GM-Q100
Dual inverter Schmitt-trigger in SOT886 package
133
74AUP1T34GM-Q100
Single dual supply translating buffer in SOT886 package
134
Nexperia selection guide 2020
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com