Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PUSB3BB2DF Datasheet(PDF) 38 Page - Nexperia B.V. All rights reserved

Part # PUSB3BB2DF
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB3BB2DF Datasheet(HTML) 38 Page - Nexperia B.V. All rights reserved

Back Button PUSB3BB2DF Datasheet HTML 34Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 35Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 36Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 37Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 38Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 39Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 40Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 41Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 42Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 234 page
background image
Nomenclature
80 = 500mA PNP SMD
81 = 500mA NPN SMD
84 = 100mA NPN SMD
85 = 100mA PNP SMD
Package Indicator
w/o = SOT23
W
= SOT323
M
= DFN1006 (SOT883)
MB = DFN1006B (SOT883B)
QA = DFN1010D (SOT1215)
hfe selection:
x: A , B , C for BC84 & BC85 types
x: -16 , -25 , -40 for BC80 & BC81 types
Max v
CEO
6 = 65V
7 = 45V
8 = 30V
BC 84 7 X W
Package indicator
P = SOT223
X = SOT89
w/o = regular type
T
= cost optimized type
H
= 175°C compatible
hfe selection:
w/o = min: 63, max: 250
10 = min: 63, max: 160
16 = min: 100, max: 250
51 = PNP, -45V, -1A
52 = PNP, -60V, -1A
53 = PNP, -80V, -1A
54 = NPN, 45V, 1A
55 = NPN, 60V, 1A
56 = NPN, 80V, 1A
BC X 51 - 10 T
General purpose bipolar transistors
General purpose power transistors
Silicon transistor
Silicon transistor
Nexperia selection guide 2020
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com