Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PUSB3BB2DF Datasheet(PDF) 58 Page - Nexperia B.V. All rights reserved

Part # PUSB3BB2DF
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB3BB2DF Datasheet(HTML) 58 Page - Nexperia B.V. All rights reserved

Back Button PUSB3BB2DF Datasheet HTML 54Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 55Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 56Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 57Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 58Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 59Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 60Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 61Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 62Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 234 page
background image
Schottky diodes and rectifiers
Automotive-qualified
Package
SOT457
(SC-74)
SOT23
SOD123
SOD123F
SOT323
(SC-70)
SOD323F
(SC-90)
SOD323
(SC-76)
SOD523
(SC-79)
Size (mm)
2.9 x 1.5 x 1.0
2.9 x 1.3 x 1.0
2.7 x 1.6 x 1.2
2.6 x 1.6 x 1.1
2.0 x 1.25 x 0.95 1.7 x 1.25 x 0.7 1.7 x 1.25 x 0.95
1.2 x 0.8 x 0.6
P
tot (mW) @ 1 cm²
540
420
660
830
400
830
570
500
Optimization
1
20
430
0.2
Low V
F
PMEG2010AET
PMEG2010AEH
500
0.2
Low V
F
PMEG2010ET
PMEG2010EH
PMEG2010EJ
PMEG2010BEA
550
0.07
Low I
R
PMEG2010AEJ
PMEG2010EA
BAT760
620
1.5
Low V
F
PMEG2010AEB
1
30
450
1
Low V
F
1PS74SB23
520
0.1
Low I
R
PMEG3010CEH
PMEG3010CEJ
560
0.15
Low V
F
PMEG3010ET
PMEG3010EGW
PMEG3010EH
PMEG3010EJ
PMEG3010BEA
680
0.5
Low V
F
PMEG3010EB
40
570
0.05
Low I
R
PMEG4010CEGW PMEG4010CEH
PMEG4010CEJ
640
0.05
Low V
F
PMEG4010ET
PMEG4010EGW
PMEG4010EH
PMEG4010EJ
PMEG4010BEA
840
0.008
Low I
R
PMEG4010CEA
60
660
0.05
Low I
R
PMEG6010CEGW PMEG6010CEH
PMEG6010CEJ
1.5
20
660
0.2
Low I
R
PMEG2015EH
PMEG2015EJ
PMEG2015EA
30
500
1
Low V
F
PMEG3015EH
PMEG3015EJ
2
10
460
3
Low V
F
PMEG1020EH
PMEG1020EJ
PMEG1020EA
20
525
0.2
Low V
F
PMEG2020EH
PMEG2020EJ
PMEG2020AEA
30
620
1
Low V
F
PMEG3020EGW
PMEG3020EH
PMEG3020EJ
3
10
530
3
Low V
F
PMEG1030EH
PMEG1030EJ
Schottky rectifiers - leaded packages
Automotive-qualified
Package
SOT223
(SC-73)
SOT23
DFN2020-3
(SOT1061)
DFN2020D-3
(SOT1061D)
Size (mm)
6.5 x 3.5 x 1.65
2.9 x 1.3 x 1.0
2.0 x 2.0 x 0.62
2.0 x 2.0 x 0.63
P
tot (mW) @ 1 cm²
1500
400
1000
1000
0.5
20
390
0.2
Low V
F
PMEG2005CT
30
430
0.15
Low V
F
PMEG3005CT
40
470
0.1
Low V
F
PMEG4005CT
1.0
25
450
1.0
Low V
F
BAT120S
Low V
F
BAT120C
Low V
F
BAT120A
40
500
0.05
Low V
F
PMEG4010CPA
PMEG4010CPAS
60
540
0.06
Low V
F
PMEG6010CPA
PMEG6010CPAS
650
0.35
Low V
F
BAT160S
Low V
F
BAT160C
Low V
F
BAT160A
2.0
20
420
1.0
Low V
F
PMEG2020CPA
PMEG2020CPAS
30
440
2.0
Low V
F
PMEG3020CPA
PMEG3020CPAS
brb125
brb148
brb148
brb149
brb150
brb150
brb125
brb125
brb125
brb125
Dual Schottky rectifiers - leaded / leadless DFN packages
Nexperia selection guide 2020
58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com