Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PUSB3BB2DF Datasheet(PDF) 67 Page - Nexperia B.V. All rights reserved

Part # PUSB3BB2DF
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB3BB2DF Datasheet(HTML) 67 Page - Nexperia B.V. All rights reserved

Back Button PUSB3BB2DF Datasheet HTML 63Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 64Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 65Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 66Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 67Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 68Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 69Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 70Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 71Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 234 page
background image
67
Low capacitance ESD protection for high-speed interfaces
Configuration
Type
Package
Size (mm)
1
0
5
0.45
20
PESD5V0C1USF
DSN0603-2 (SOD962)
0.6 x 0.3 x 0.3
6.5
0.45
20
PESD6V5C1USF
5
0.6
10
PESD5V0F1USF
5
0.95
8
PESD5V0X1ULD
DFN1006D-2 (SOD882D)
1.0 x 0.6 x 0.37
1.55
15
PESD5V0X1UALD
16
0.83
8
PESD16VX1UL
DFN1006-2 (SOD882)
1.0 x 0.6 x0.48
5
0.95
8
PESD5V0X1UB
SOD523 (SC-79)
1.2 x 0.8 x 0.6
1.55
15
PESD5V0X1UAB
3.3
0.6
30
PESD3V3U1UT
SOT23
2.9 x 1.3 x 1.0
5
0.6
30
PESD5V0U1UT
12
0.6
30
PESD12VU1UT
15
0.6
30
PESD15VU1UT
24
0.6
23
PESD24VU1UT
0
1
5
0.17
15
PESD5V0H1BSN
SOD992B
0.43 x 0.23 x 0.12
2.0
0.69
20
PESD2V0Y1BSF
DSN0603-2 (SOD962)
0.6 x 0.3 x 0.3
2.5
0.25
15
PESD2V5Y1BSF
2.8
0.1
10
PESD2V8R1BSF
3.3
0.24
15
PESD3V3Y1BSF
0.2
20
PESD3V3C1BSF
0.28
20
PESD3V3Z1BSF
0.45
30
PESD3V3Z1BCSF
0.55
30
PESD3V3W1BCSF
4.0
0.24
15
PESD4V0Y1BSF
0.28
20
PESD4V0Z1BSF
0.45
30
PESD4V0Z1BCSF
0.55
30
PESD4V0W1BCSF
5
0.1
10
PESD5V0R1BSF
0.15
15
PESD5V0H1BSF
0.2
20
PESD5V0C1BSF
7
0.1
10
PESD7V0R1BSF
0.15
15
PESD7V0H1BSF
0.2
20
PESD7V0C1BSF
5.5
0.25
10
PESD5V0F1BSF
PESD5V0F1BRSF
3.3
-
20
PESD3V3X1BCSF
5.0
-
PESD5V0X1BCSF
5
0.4
10
PESD5V0F1BLD
DFN1006D-2 (SOD882D)
1.0 x 0.6 x 0.37
PESD5V0F1BRLD
3.3
1.3
9
PESD3V3X1BL
DFN1006-2 (SOD882)
1.0 x 0.6 x 0.48
5.5
0.4
10
PESD5V0F1BL
5
0.49
8
PESD5V0X1BCL
0.85
15
PESD5V0X1BCAL
0.9
9
PESD5V0X1BL
18
0.35
10
PESD18VF1BL
24
0.3
10
PESD24VF1BL
30
0.3
10
PESD30VF1BL
mse209
12
mse211
006aaa441
3
12
Products in
bold red are under development
ESD protection 
67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com