Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PUSB3BB2DF Datasheet(PDF) 90 Page - Nexperia B.V. All rights reserved

Part # PUSB3BB2DF
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB3BB2DF Datasheet(HTML) 90 Page - Nexperia B.V. All rights reserved

Back Button PUSB3BB2DF Datasheet HTML 86Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 87Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 88Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 89Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 90Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 91Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 92Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 93Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 94Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 234 page
background image
Package
Type number
V
DS [max] (V)
R
DS(on) [max] @
V
GS = 10 V (mΩ)
R
DS(on) [max] @
V
GS = 4.5 V or 5 V
(mΩ)
I
D [max] (A)
Q
G(tot) [typ] (nC)
TO-220
(SOT78)
PSMN1R1-30PL
30
1.3
1.6
120
118
PSMN1R8-30PL
30
1.8
2.3
100
83
PSMN2R0-30PL
30
2.1
2.8
100
55
PSMN2R7-30PL
30
2.7
3.6
100
32
PSMN3R4-30PL
30
3.4
4.1
100
31
PSMN4R3-30PL
30
4.3
6.2
100
19
PSMN017-30PL
30
17
23
32
5.1
PSMN022-30PL
30
22
34
30
4.4
D2PAK
(SOT404)
PSMNR90-30BL
30
1
1.4
120
118
PSMN1R5-30BLE
30
1.5
1.85
120
108
PSMN1R8-30BL
30
1.8
2.1
100
83
PSMN1R6-30BL
30
1.9
2.2
100
101
PSMN2R0-30BL
30
2.1
2.9
100
55
PSMN2R7-30BL
30
3
3.7
100
32
PSMN3R4-30BL
30
3.3
3.8
100
31
PSMN3R4-30BLE
30
3.4
5
120
37
PSMN4R3-30BL
30
4.1
5.2
100
19
PSMN017-30BL
30
17
23
32
5.1
PSMN022-30BL
30
22
30
30
4.4
I2PAK
(SOT226)
PSMN1R1-30EL
30
1.3
1.6
120
118
PSMN017-30EL
30
17
23
32
5.1
LFPAK56E
(SOT1023)
PSMN0R7-25YLD
25
0.74
0.92
300
50.9
PSMN1R2-25YL
25
1.2
1.9
100
50.6
PSMNR58-30YLH
30
0.67
0.9
380
55
PSMN0R9-30YLD
30
0.87
1.1
300
51
PSMN1R3-30YL
30
1.3
2
100
46.6
LFPAK56
(Power-SO8)
PSMNR51-25YLH
25
0.57
0.82
380
53
PSMNR60-25YLH
25
0.7
1.02
300
43
PSMN0R9-25YLD
25
0.86
1.2
300
41.5
PSMN1R0-25YLD
25
1.02
1.4
100
33.2
PSMN1R1-25YLC
25
1.15
1.5
100
39
PSMN1R2-25YLD
25
1.15
1.7
100
28
PSMN1R2-25YLC
25
1.3
1.7
100
31
PSMN1R5-25YL
25
1.5
2.2
100
36
PSMN1R7-25YLD
25
1.68
2.4
100
21.5
PSMN2R0-25YLD
25
2
2.9
100
15.7
PSMN2R9-25YLC
25
3.15
4.1
100
16
PSMN4R0-25YLC
25
4.5
5.8
84
10.9
PSMN5R4-25YLD
25
5.4
8.4
70
5.7
PSMN6R0-25YLD
25
6.03
10
61
4.9
PSMN6R0-25YLB
25
6.1
7.9
73
9
Power MOSFETs
N-channel 25V-30V Power MOSFETs
Types in
bold represent new products
Nexperia selection guide 2020
90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com