Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PUSB3BB2DF Datasheet(PDF) 32 Page - Nexperia B.V. All rights reserved

Part # PUSB3BB2DF
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB3BB2DF Datasheet(HTML) 32 Page - Nexperia B.V. All rights reserved

Back Button PUSB3BB2DF Datasheet HTML 28Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 29Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 30Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 31Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 32Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 33Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 34Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 35Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 36Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 234 page
background image
Low VCEsat transistors load switches
Automotive-qualified
Package
SOT457
(SC-74)
SOT363
(SC-88)
Size (mm)
2.9 x 1.5 x 1.0
2.0 x 1.25 x 0.95
P
tot (mW)
750 1)
600 1)
300 2)
V
CEO
(V)
I
C
(A)
V
CEsat max (mV); IC = 0.5 A;
I
B = 0.05 A
R1, R2 (kΩ)
15
0.5
250
2.2
PBLS1501Y
4.7
PBLS1502Y
10
PBLS1503Y
22
PBLS1504Y
20
1
150
2.2
PBLS2001D
4.7
PBLS2002D
10
PBLS2003D
22
PBLS2004D
1.8
70
2.2
PBLS2021D
4.7
PBLS2022D
10
PBLS2023D
22
PBLS2024D
40
0.5
350
2.2
PBLS4001Y
4.7
PBLS4002Y
10
PBLS4003Y
22
PBLS4004Y
47
PBLS4005Y
1
170
2.2
PBLS4001D
4.7
PBLS4002D
10
PBLS4003D
22
PBLS4004D
47
PBLS4005D
60
1
180
2.2
PBLS6001D
4.7
PBLS6002D
10
PBLS6003D
22
PBLS6004D
47
PBLS6005D
1.5
100
2.2
PBLS6021D
4.7
PBLS6022D
10
PBLS6023D
22
PBLS6024D
65
4
1
23
R2
TR1
TR2
R1
sym036
65
4
1
23
R2
TR1
TR2
R1
sym036
65
4
1
23
R2
TR1
TR2
R1
006aab506
1)
Device mounted on a ceramic PCB, Al2O3, standard footprint
2)
Device mounted on an FR4 PCB, single-sided copper, tin-plated, and standard footprint
Low V
CEsat transistors
Nexperia selection guide 2020
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com