Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PUSB3BB2DF Datasheet(PDF) 106 Page - Nexperia B.V. All rights reserved

Part # PUSB3BB2DF
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB3BB2DF Datasheet(HTML) 106 Page - Nexperia B.V. All rights reserved

Back Button PUSB3BB2DF Datasheet HTML 102Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 103Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 104Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 105Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 106Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 107Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 108Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 109Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 110Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 234 page
background image
Small-signal MOSFETs
Package
SOT363
(SC-88)
DFN2020-6
(SOT1118)
DFN1010B-6
(SOT1216)
Size (mm)
2.0 x 1.25 x 0.95
2.0 x 2.0 x 0.65
1.0 x 1.0 x 0.37
P
tot (mW)
300
1250
350
Polarity
V
DS (V)
V
GS (V)
I
D (A)
V
GS(th)
min (V)
V
GS(th)
max (V)
t
on typ
(ns)
t
off typ (ns)
Q
G typ (nC)
ESD
protection
(kV)
R
DS(on) typ (mΩ) @ VGS =
10 V
4.5 V
2.5 V
1.8 V
20
8
0.6
0.45
0.95
5.6
19
0.4
1
-
470
620
845
PMDXB600UNE
12
5.3
0.4
0.9
4
40
14.4
-
-
32
40
60
PMDPB30XN
30
8
0.59
0.45
0.95
4
12
0.6
2
-
550
660
770
PMDXB550UNE
0.35
0.6
1.1
26
88
0.52
2
-
1000
1400
2000
NX3008NBKS
12
3.1
0.75
1.25
9
19
2.9
2
-
55
72
-
PMDPB56XNEA
3.1
0.5
1.5
6
18
1.65
1.8
-
95
130
-
PMDPB95XNE2
1
0.5
1.5
6.5
14
0.7
2
-
170
240
-
PMGD175XNE
20
0.18
0.8
1.5
10
51
0.34
yes
2700
3000
4000
-
NX3020NAKS
60
20
0.18
0.8
1.5
6
11
0.33
yes
2800
3500
4500
-
NX138AKS
0.26
0.5
1.5
7.9
12.5
0.49
2
2100
2200
2600
-
NX138BKS
0.17
1.1
2.1
12
34
0.33
yes
3000
3700
-
-
NX7002AKS
0.26
1.1
2.1
4.7
6.9
1
2
2200
2500
-
-
NX7002BKS
NX7002BKXB
20
8
4.5
0.45
0.95
7
41
6.3
2
-
58
74
97
PMDPB58UPE
0.5
0.45
0.95
2.3
13.5
1.19
1
-
1020
1270
1700
PMDXB950UPE
3.7
0.45
0.95
6
47
5.4
2
-
82
107
142
PMDPB85UPE
12
4.5
0.47
0.9
4
135
16.5
-
-
55
75
110
PMDPB55XP
4.2
0.75
1
7
33
5
2
-
66
98
-
PMDPB70XPE
3.7
0.4
1
6
120
5.7
-
-
80
95
120
PMDPB80XP
30
8
0.41
0.45
0.95
3
14
0.7
2
-
1200
1700
2100
PMDXB1200UPE
0.2
0.6
1.1
49
103
0.55
2
-
2800
5300
-
NX3008PBKS
12
3.8
0.45
1
3
112
5.2
-
-
70
89
-
PMDPB70XP
50
20
0.16
1.1
2.1
24
73
0.26
1
4500
5700
-
-
BSS84AKS
Small-signal MOSFETs dual
Small-signal MOSFETs complementary
Package
Type
Polarity
V
DS
(V)
V
GS
(V)
I
D
(A)
V
GSth
min (V)
V
GSth
max (V)
t
on typ (ns)
t
off typ (ns)
Q
G typ
(nC)
ESD
protection
(kV)
R
DS(on) typ (mΩ) @ VGS =
10 V
4.5 V
2.5 V
1.8 V
1.5 V
1.2 V
SOT363 (SC-88)
(2.0 x 1.25 x 0.95)
NX3008CBKS
N
30
8
0.35
0.6
1.1
26
88
0.52
2
-
1000
1400
2000
-
-
P
30
8
0.2
0.6
1.1
49
103
0.55
2
-
2800
5300
-
-
-
NX6020CAKS
N
60
20
0.17
1.1
2.1
6
20
0.33
yes
3000
3700
P
50
20
0.16
1.1
2.1
13
48
0.26
1
4500
5700
DFN1010B-6
(1.1 x 1.0 x 0.37)
PMCXB900UE
N
20
8
0.6
0.45
0.95
5.6
19
0.4
1
-
470
620
845
1125
2210
P
20
8
0.5
0.45
0.95
2.3
13.5
1.19
1
-
1020
1270
1700
2300
3500
PMCXB1000UE
N
30
8
0.59
0.45
0.95
4
12
0.6
2
-
550
660
770
890
-
P
30
8
0.41
0.45
0.95
3
14
0.7
2
-
1200
1700
2100
3000
-
DFN2020-6
(2.0 x 2.0 x 0.65)
PMCPB5530X
N
20
12
5.3
0.4
0.9
19
56
14.4
-
-
26
33
50
-
-
P
20
12
4.5
0.47
0.9
18
56
16.5
-
-
55
75
110
-
-
Nexperia selection guide 2020
106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com